Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSS3515M Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DSS3515M
Description  15V LOW VCE(sat) PNP SURFACE MOUNT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DSS3515M Datasheet(HTML) 3 Page - Diodes Incorporated

  DSS3515M Datasheet HTML 1Page - Diodes Incorporated DSS3515M Datasheet HTML 2Page - Diodes Incorporated DSS3515M Datasheet HTML 3Page - Diodes Incorporated DSS3515M Datasheet HTML 4Page - Diodes Incorporated DSS3515M Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
DSS3515M
Document number: DS31819 Rev. 3 - 2
3 of 5
www.diodes.com
January 2011
© Diodes Incorporated
DSS3515M
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO
-15
⎯
⎯
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 5)
BVCEO
-15
⎯
⎯
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
BV)EBO
-6
⎯
⎯
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICBO
⎯
⎯
-100
-50
nA
μA
VCB = -15V, IE = 0
VCB = -15V, IE = 0, TA = 150°C
Emitter Cutoff Current
IEBO
⎯
⎯
-100
nA
VEB = -5V, IC = 0
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
200
150
90
⎯
⎯
⎯
⎯
⎯
⎯
⎯
VCE = -2V, IC = -10mA
VCE = -2V, IC = -100mA
VCE = -2V, IC = -500mA
Collector-Emitter Saturation Voltage
VCE(sat)
⎯
⎯
⎯
⎯
⎯
⎯
-25
-150
-250
mV
IC = -10mA, IB = -0.5mA
IC = -200mA, IB = -10mA
IC = -500mA, IB = -50mA
Collector-Emitter Saturation Resistance
RCE(sat)
⎯
⎯
500
m
Ω
IC = -500mA, IB = -50mA
Base-Emitter Saturation Voltage
VBE(sat)
⎯
⎯
-1.1
V
IC = -500mA, IB = -50mA
Base-Emitter Turn On Voltage
VBE(on)
⎯
⎯
-0.9
V
VCE = -2V, IC = -100mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
⎯
10
pF
VCB = -10V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
100
340
⎯
MHz
VCE = -5V, IC = -100mA, f = 100MHz
Notes:
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.
0
0.20
0.40
0.60
0.80
1.00
01
2
3
4
5
-V
, COLLECTOR-EMITTER VOLTAGE (V)
CE
Fig. 4 Typical Collector Current
vs. Collector-Emitter Voltage
I = -1mA
B
I = -2mA
B
I = -3mA
B
I = -4mA
B
I = -5mA
B
1
10
100
1,000
-I , COLLECTOR CURRENT (mA)
C
Fig. 5 Typical DC Current Gain vs. Collector Current
0
100
200
300
400
500
600
700
800
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
T = 150°C
A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com