Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX591ATA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FCX591ATA
Description  40V PNP SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT89
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FCX591ATA Datasheet(HTML) 4 Page - Diodes Incorporated

  FCX591ATA Datasheet HTML 1Page - Diodes Incorporated FCX591ATA Datasheet HTML 2Page - Diodes Incorporated FCX591ATA Datasheet HTML 3Page - Diodes Incorporated FCX591ATA Datasheet HTML 4Page - Diodes Incorporated FCX591ATA Datasheet HTML 5Page - Diodes Incorporated FCX591ATA Datasheet HTML 6Page - Diodes Incorporated FCX591ATA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FCX591A
Datasheet Number: DS33062 Rev. 4 - 2
4 of 7
www.diodes.com
October 2010
© Diodes Incorporated
FCX591A
A Product Line of
Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ.
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-40
-
-
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 5)
V(BR)CEO
-40
-
-
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
-
-
V
IE = -100µA
Collector Cutoff Current
ICBO
-
-
-100
nA
VCB = -30V
Emitter Cutoff Current
IEBO
-
-
-100
nA
VEB = -4V
Emitter Cutoff Current
ICES
-
-
-100
nA
VCES = -30V
DC current transfer Static ratio (Note 5)
hFE
300
300
250
160
30
-
-
-
-
-
-
800
-
-
-
-
IC = -1mA
IC = -100mA
IC = -500mA, VCE = -5V
IC = -1A
IC = -2A
Collector-Emitter Saturation Voltage (Note 5)
VCE(sat)
-
-
-
-
-0.2
-0.35
-0.5
V
IC = -100mA, IB = -1mA
IC = -500mA, IB = -20mA
IC = -1A, IB = -100mA
Base-Emitter Saturation Voltage (Note 5)
VBE(sat)
-
-
-1.1
V
IC = -1A, IB = -50mA
Base-Emitter Turn-on Voltage (Note 5)
VBE(on)
-
-
-1.0
V
IC = -1A, VCE = -5V
Transitional Frequency
fT
150
-
-
MHz
IE = -50mA, VCE = -10V
f = 100MHz
Output capacitance
Cobo
-
-
10
pF
VCB = -10V, f = 1MHz,
Notes:
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle ≤2%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com