Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1872 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1872
Description  Polygon Mirror Scanner Driver IC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1872 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1872 Datasheet HTML 1Page - Sanyo Semicon Device LB1872 Datasheet HTML 2Page - Sanyo Semicon Device LB1872 Datasheet HTML 3Page - Sanyo Semicon Device LB1872 Datasheet HTML 4Page - Sanyo Semicon Device LB1872 Datasheet HTML 5Page - Sanyo Semicon Device LB1872 Datasheet HTML 6Page - Sanyo Semicon Device LB1872 Datasheet HTML 7Page - Sanyo Semicon Device LB1872 Datasheet HTML 8Page - Sanyo Semicon Device LB1872 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
No. 5625-2/11
LB1872
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current drain
ICC
In stop mode
20
27
mA
[Output Saturation Voltage] VAGC = 2 V
Source
V(sat)1-1
IO = 0.7 A, RF = 0 Ω
1.5
1.9
V
V(sat)1-2
IO = 1.5 A, RF = 0 Ω
1.8
2.2
V
Sink
V(sat)2-1
IO = 0.7 A, RF = 0 Ω
0.3
0.5
V
V(sat)2-2
IO = 1.5 A, RF = 0 Ω
0.7
1.0
V
Output leakage current
IO (leak)
VCC = 28 V
100
µA
[5-V Fixed-Voltage Output]
Output voltage
VREG
4.65
5.0
5.35
V
Voltage regulation
∆VREG1 VCC = 10 to 28 V
40
100
mV
Load regulation
∆VREG2 IO = 0 to 10 mA
20
100
mV
Temperature coefficient
∆VREG3 Design target value
0
mV/°C
[Hall Input Block]
Input bias current
IB(HA)
VAGC = 3 V
2
10
µA
Differential-mode input range
VHIN
With a sine wave input
50
350
mV
Common-mode input range
VICM
Differential input: 50 mV p-p
3.5
VCC – 3.5
V
Input offset voltage
VIOH
Design target value
–20
+20
mV
[Low Voltage Protection Circuit]
Operating voltage
VSD
8.4
8.8
9.2
V
Hysteresis
∆VSD
0.2
0.4
0.6
V
[Thermal Protection Circuit]
Shutdown temperature
TSD
Design target value (junction temperature)
150
180
°C
Hysteresis
∆TSD
Design target value (junction temperature)
40
°C
[FG Amplifier]
Input offset voltage
VIO(FG)
Design target value
–10
+10
mV
Input bias current
IB(FG)
–1
+1
µA
DC bias level
VB(FG)
–5%
1/2VREG
+5%
V
Output high-level voltage
VOH(FG)
IOH = –500 µA
VREG – 1.2 VREG – 0.8
V
Output low-level voltage
VOL(FG)
IOL = 500 µA
0.8
1.2
V
[FG Schmitt Input Block]
Input hysteresis (high to low)
VSHL
0
mV
Input hysteresis (low to high)
VSLH
150
mV
Hysteresis
VFGL
100
150
200
mV
Input operating level
VFGSIL
400
mV
Electrical Characteristics at Ta = 25°C, VCC = 24 V
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage
VCC
10 to 28
V
5.0-V fixed-voltage output current
IREG
0 to –15
mA
LD pin voltage
VLD
0 to 28
V
FGS pin voltage
VFGS
0 to 28
V
LD pin output current
ILD
0 to 10
mA
FGS pin output current
IFGS
0 to 5
mA
Allowable Operating Ranges at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage
VCC max
30
V
Maximum output current
IO max
t
≤ 0.5s
2.0
A
Allowable power dissipation
Pd max1
Independent IC
3
W
Pd max2
Arbitrarily large heat sink
20
W
Operating temperature
Topr
–20 to +80
°C
Storage temperature
Tstg
–55 to +150
°C
Specifications
Absolute Maximum Ratings at Ta = 25°C
Continued on next page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com