Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI101 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # DI101
Description  DUAL-IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

DI101 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  DI101 Datasheet HTML 1Page - Pan Jit International Inc. DI101 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.02.2006
FIG.1 DERATING CURVE FOR OUTPUT
RECTIFIED CURRENT
FIG.3 TYPICAL REVERSE CHARACTERISTICS
FIG.4 MAX NON-REPETITIVE SURGE CURRENT
FIG.2 TYPICAL FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, C
O
PERCENT OF PEAK REVERSE VOLTAGE, %
NO. OF CYCLES AT 60Hz
INSTANTANEOUS FWD VOLTAGE, VOLTS
RATING AND CHARACTERISTIC CURVES
3.0
2.0
1.0
0
0
50
100
150
1.5
2.5
0.5
T = 100 C
A
O
T= 25 C
A
O
10
1.0
0.1
0.01
0
20
40
60
80
100
120
140
50
40
30
20
10
0
1
2
6
10
20
40
60
100
T =25 C
Pulse Width = 200uS
J
O



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com