Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT413 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMT413
Description  SOT23 NPN silicon planar avalanche transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT413 Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMT413 Datasheet HTML 1Page - Diodes Incorporated FMMT413 Datasheet HTML 2Page - Diodes Incorporated FMMT413 Datasheet HTML 3Page - Diodes Incorporated FMMT413 Datasheet HTML 4Page - Diodes Incorporated FMMT413 Datasheet HTML 5Page - Diodes Incorporated FMMT413 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FMMT413
Issue 3 - March 2006
3
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
150
V
Collector-emitter
breakdown voltage
BVCES
150
V
IC = 100 A
Collector-emitter
breakdown voltage
BVCEO
50
V
IC = 10mA
Emitter-base breakdown
voltage
BVEBO
6V
IE = 100 A
Collector cut-off current
ICBO
100
nA
VCB = 120V
Emitter cut-off current
IEBO
100
nA
VEB = 4V
Collector-emitter saturation
voltage
VCE(sat)
150
mV
IC = 10mA,
IB = 1mA
Base-emitter saturation
voltage
VBE(sat)
800
mV
IC = 10mA,
IB = 1mA
Current in second
breakdown (pulsed)
IUSB
22
A
VC=110V, CCE=4.7nF
(*)
NOTES:
(*) Measured with a circuit possessing an approximate loop inductance of 12nH.
25
A
VC=130V, CCE=4.7nF
(*)
Static forward current
transfer ratio
hFE
50
IC = 10mA,
VCE = 10V
Collector-emitter
inductance
Lce
2.5
nH
Standard SOT23
leads
Transition frequency
fT
150
MHz
IC = 10mA, VCE = 5V,
f = 20MHz
Output capacitance
COBO
2pF
VCB = 10V, IE = 0,
f = 1MHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com