Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT413TA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT413TA
Description  SOT23 NPN silicon planar avalanche transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT413TA Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT413TA Datasheet HTML 1Page - Diodes Incorporated FMMT413TA Datasheet HTML 2Page - Diodes Incorporated FMMT413TA Datasheet HTML 3Page - Diodes Incorporated FMMT413TA Datasheet HTML 4Page - Diodes Incorporated FMMT413TA Datasheet HTML 5Page - Diodes Incorporated FMMT413TA Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FMMT413
Issue 3 - March 2006
4
www.zetex.com
© Zetex Semiconductors plc 2006
Typical characteristics
20
10
0
40
50
30
VS - Supply voltage (V)
CCE=2x4.7nF
050
100
150
200
250
CCE=4.7nF
CCE=2.2nF
CCE=1.0nF
TAMB=25°C
IB=5mA/ns
p.r.f.=10kHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com