Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED602CS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # ED602CS
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ED602CS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  ED602CS_09 Datasheet HTML 1Page - Pan Jit International Inc. ED602CS_09 Datasheet HTML 2Page - Pan Jit International Inc. ED602CS_09 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-MAR.06.2009
ED602CS~ED606CS
FEATURES
• Superfast recovery times-epitaxial construction.
• Low forward voltage, high current capability.
• Exceeds environmental standards of MIL-S-19500/228.
• Hermetically sealed.
• Low leakage.
• High surge capability.
• Plastic package has Underwriters Laboratories
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Molded plastic, TO-252
• Terminals: Axial leads, solderable to MIL-STD-750,Method 2026
• Polarity: As marking
• Weight: 0.0104 ounces, 0.297 grams.
SUPERFAST RECOVERY RECTIFIERS
VOLTAGE
200 to 600 Volts
6.0 Amperes
CURRENT
MAXIMUM RATINGSAND ELECTRICALCHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
C
2
0
6
D
ES
C
3
0
6
D
ES
C
4
0
6
D
ES
C
6
0
6
D
ES
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
t
n
e
r
r
u
c
e
R
m
u
m
i
x
a
MV
M
R
R
0
0
20
0
30
0
40
0
6V
e
g
a
t
l
o
V
S
M
R
m
u
m
i
x
a
MV
S
M
R
0
4
10
1
20
8
20
2
4V
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
m
u
m
i
x
a
M
V
C
D
0
0
20
0
30
0
40
0
6V
T
t
a
t
n
e
r
r
u
C
d
r
a
w
r
o
F
e
g
a
r
e
v
A
m
u
m
i
x
a
M
C
5
7
=
O CI
(
F)
V
A
0
.
6A
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
d
o
h
t
e
m
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
e
v
a
w
I
M
S
F
5
7A
)
1
e
t
o
N
(
A
0
.
3
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V
F
5
9
.
03
.
17
.
1V
T
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
J
5
2
=
O C
T
e
g
a
t
l
o
V
g
n
i
k
c
o
l
B
C
D
d
e
t
a
R
t
a
J
0
0
1
=
O C
I
R
0
.
1
0
0
3
µA
)
2
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
t
r
r
5
3s
n
)
3
e
t
o
N
(
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
t
l
a
c
i
p
y
T
Rθ
C
J
0
.
9
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
OT
J T
,
G
T
S
0
5
1
+
o
t
5
5
-
O C
NOTES:
1. Pulse Test with PW=300 usec, 2% Duty Cycle.
2. Reverse Recovery Tset Conditions:IF=0.5A,IR=1.0A,Irr=0.25A
3. Mounted on P.C. Board with 14mm2 (.013mm thick) copper pad areas.


Similar Part No. - ED602CS_09

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
More results

Similar Description - ED602CS_09

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
ER100 TRSYS-ER100 Datasheet
198Kb / 3P
SUPERFAST RECOVERY RECTIFIERS
ER100S TRSYS-ER100S Datasheet
147Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ER800 TRSYS-ER800 Datasheet
164Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
ED602CS PANJIT-ED602CS_04 Datasheet
48Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
ED802CT PANJIT-ED802CT_04 Datasheet
39Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
SF21 HY-SF21 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF31 HY-SF31 Datasheet
38Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
SF41 HY-SF41 Datasheet
35Kb / 2P
SUPERFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
EDT302S PANJIT-EDT302S Datasheet
415Kb / 5P
SUPERFAST RECOVERY RECTIFIERS
MURC4JI PANJIT-MURC4JI Datasheet
176Kb / 4P
SUPERFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com