Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ED602CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # ED602CS
Description  SUPERFAST RECOVERY RECTIFIERS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

ED602CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  ED602CS Datasheet HTML 1Page - Pan Jit International Inc. ED602CS Datasheet HTML 2Page - Pan Jit International Inc. ED602CS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-MAR.06.2009
ED602CS~ED606CS
RATING A ND CHA RA CTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4-TYPICAL INSTANTANEOUS FORWARD
CHARACTREISTICS
Fig.2 MAXIMUM NON-REPETITEV SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60HZ
CASE TEMPERATURE, C
O
110
100
60
80
30
45
75
15
0
0
50
100
150
10.0
8.0
6.0
4.0
2.0
0
.6
.8
1.0
1
1
..
46
1.2
1.8
40
10
1
.1
2.0
T=25 C
Pulse Width=300us
J
O
600V
300-400V
200V
PERCENT OF RATED PEAK INVERSE VOLTGE, VOLTS
1000
100
10
1.0
0.1
20
40
60
80
100
120
T= 75 C
J
O
T= 25 C
J
O
T = 125 C
J
O



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com