Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT449 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT449
Description  SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT449 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT449 Datasheet HTML 1Page - Diodes Incorporated FMMT449 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 NPN SILICON PLANAR
MEDIUM POWER TRANSISTOR
ISSUE 3 - NOVEMBER 1995
FEATURES
* Low equivalent on-resistance; RCE(sat) 250mΩ at 1A
COMPLEMENTARY TYPE –
FMMT549
PARTMARKING DETAIL –
449
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Base Current
IB
200
mA
Power Dissipation at Tamb= 25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN. MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
50
V
IC=1mA, IE=0
Collector-Emitter
Breakdown Voltage
V(BR)CEO
30
V
IC=10mA, IB=0*
Emitter-Base Breakdown
Voltage
V(BR)EBO
5V
IE=100µA, IC=0
Collector Cut-Off
Current
ICBO
0.1
10
µ
A
µ
A
VCB=40V, IE=0
VCB=40V, Tamb=100°C
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=4V, IC=0
Collector-Emitter
Saturation Voltage
VCE(sat)
0.5
1.0
V
V
IC=1A, IB=100mA*
IC=2A, IB=200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.25
V
IC=1A, IB=100mA*
Base-Emitter Turn-On
Voltage
VBE(on)
1.0
V
IC=1A, VCE=2V*
Static Forward Current
Transfer Ratio
hFE
70
100
80
40
300
IC=50mA, VCE=2V*
IC=500mA, VCE=2V*
IC=1A, VCE=2V*
IC=2A, VCE=2V*
Transition
Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=100mHz
Output Capacitance
Cobo
15
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤2%
Spice parameter data is available upon request for this device
FMMT449
C
B
E
3 - 106
FMMT449
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
40
80
120
160
200
0
10
0.2
0.4
0.6
0.8
Switching Speeds
I+ -
Collector Current (Amps)
0.001
0.01
0.1
1
IC/IB=10
0.1
1
IB1=IB2=IC/10
0.01
ts
tf
td
tr
ts
ns
tf,tr,td
ns
100
50
150
0
VCE=2V
0
IC/IB=10
0.2
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0.6
VCE=2V
ts
tf
td
tr
800
400
200
600
0
0.001
1
0.01
0.1
10
0.2
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0.6
0.001
1
0.01
0.1
10
0.001
1
0.01
0.1
10
VCE=10V
+
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
0.1
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
3 - 107


Similar Part No. - FMMT449

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT449 ZETEX-FMMT449 Datasheet
120Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Fairchild Semiconductor
FMMT449 FAIRCHILD-FMMT449 Datasheet
194Kb / 6P
NPN Low Saturation Transistor
logo
Galaxy Semi-Conductor H...
FMMT449 BILIN-FMMT449 Datasheet
195Kb / 4P
NPN Silicon Planar Medium Power Transistor
logo
Guangdong Kexin Industr...
FMMT449 KEXIN-FMMT449 Datasheet
36Kb / 1P
Medium Power Transistor
logo
Shenzhen Jin Yu Semicon...
FMMT449 HTSEMI-FMMT449 Datasheet
365Kb / 1P
TRANSISTOR (NPN)
More results

Similar Description - FMMT449

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT489 DIODES-FMMT489 Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT491A DIODES-FMMT491A Datasheet
136Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT493 DIODES-FMMT493 Datasheet
144Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT494 DIODES-FMMT494 Datasheet
131Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT489TA DIODES-FMMT489TA Datasheet
54Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT449TA DIODES-FMMT449TA Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
logo
List of Unclassifed Man...
FMMT614TA ETC2-FMMT614TA Datasheet
133Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER DARLINGTON TRANSISTOR
logo
Diodes Incorporated
BCX41 DIODES-BCX41_15 Datasheet
49Kb / 1P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
OCTOBER 1995
FMMT449 DIODES-FMMT449_15 Datasheet
115Kb / 2P
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
NOVEMBER 1995
FMMT493A DIODES-FMMT493A_15 Datasheet
146Kb / 6P
SOT23 60V NPN SILICON PLANAR MEDIUM POWER PLANAR TRANSISTOR
AUGUST 2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com