Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT451 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT451
Description  SOT23 NPN SILICON PLANAR HIGH PERFROMANCE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT451 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT451 Datasheet HTML 1Page - Diodes Incorporated FMMT451 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 NPN SILICON PLANAR
HIGH PERFROMANCE TRANSISTOR
ISSUE 3 - OCTOBER 1995
7
FEATURES
* Low equivalent on-resistance; RCE(sat) 400mΩ at 1A
* 1 Amp continuous current
*Ptot= 500 mW
COMPLEMENTARY TYPE –
FMMT551
PARTMARKING DETAIL –
451
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
5V
Peak Pulse Current
ICM
2A
Continuous Collector Current
IC
1A
Base Current
IB
200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL
MIN. MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
80
V
IC=100µA
Collector-Emitter
Sustaining Voltage
VCEO(sus) 60
V
IC=10mA*
Emitter-Base Breakdown
Voltage
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Current ICBO
0.1
µ
A
VCB=60V
Emitter Cut-Off Current
IEBO
0.1
µ
A
VEB=4V
Collector-Emitter
Saturation Voltage
VCE(sat)
0.35
V
IC=150mA, IB=15mA*
Base-Emitter
Saturation Voltage
VBE(sat)
1.1
V
IC=150mA, IB=15mA*
Static Forward Current
Transfer Ratio
hFE
50
10
150
IC=150mA, VCE=10V*
IC=1A, VCE=10V*
Transition
Frequency
fT
150
MHz
IC=50mA, VCE=10V
f=100MHz
Output Capacitance
Cobo
15
pF
VCB=10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT451
C
B
E
3 - 109
3 - 108
FMMT451
TYPICAL CHARACTERISTICS
VCE(sat) v IC
IC -
Collector Current (Amps)
IC -
Collector Current (Amps)
IC -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
IC -
Collector Current (Amps)
VBE(on) v IC
40
80
120
160
200
0
10
0.2
0.4
0.6
0.8
Switching Speeds
IC -
Collector Current (Amps)
0.001
0.01
0.1
1
IC/IB=10
0.1
1
IB1=IB2=IC/10
0.01
ts
tf
td
tr
ts
ns
tf,tr,td
ns
100
50
150
0
VCE=2V
0
IC/IB=10
0.2
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0.6
VCE=2V
ts
tf
td
tr
800
400
200
600
0
0.001
1
0.01
0.1
10
0.2
0.4
0.8
1.0
1.2
1.4
1.6
1.8
0.6
0.001
1
0.01
0.1
10
0.001
1
0.01
0.1
10
VCE=10V
100
Single Pulse Test at Tamb=25°C
10
1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
110
0.1
0.1
0.01
1s
DC
100ms
10ms
100µs
1ms



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com