Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT491 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT491
Description  Medium power NPN transistor in SOT23
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT491 Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT491 Datasheet HTML 1Page - Diodes Incorporated FMMT491 Datasheet HTML 2Page - Diodes Incorporated FMMT491 Datasheet HTML 3Page - Diodes Incorporated FMMT491 Datasheet HTML 4Page - Diodes Incorporated FMMT491 Datasheet HTML 5Page - Diodes Incorporated FMMT491 Datasheet HTML 6Page - Diodes Incorporated FMMT491 Datasheet HTML 7Page - Diodes Incorporated FMMT491 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
FMMT491
Issue 5 - November 2007
4
www.zetex.com
© Zetex Semiconductors plc 2007
Electrical characteristics (at Tamb = 25°C unless otherwise stated).
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Collector-base breakdown
voltage
BVCBO
80
V
IC = 100 A
Collector-emitter
breakdown voltage
BVCEO
60
V
IC = 10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width
300 s; duty cycle
2%.
Emitter-base breakdown
voltage
BVEBO
78.1
V
IE = 100 A
Collector cut-off current
ICBO
<1
100
nA
VCB = 60V
Collector – emitter current
cut-off current
ICES
<1
100
nA
Emitter cut-off current
IEBO
<1
100
nA
VEB = 5.6V
Collector-emitter
saturation voltage
VCE(sat)
100
150
mV
IC = 0.5A, IB = 50mA(*)
160
250
mV
IC = 1A, IB = 100mA(*)
Base-emitter saturation
voltage
VBE(sat)
965
1100
mV
IC = 1A, IB = 100mA(*)
Base-emitter turn-on
voltage
VBE(on)
830
1000
mV
IC = 1A, VCE = 5V(*)
Static forward current
transfer ratio
hFE
100
140
IC = 1mA, VCE = 5V(*)
100
150
300
IC = 500mA, VCE = 5V(*)
80
120
IC = 1A, VCE = 5V
30
40
IC = 2A, VCE = 5V
Transition frequency
fT
150
MHz
IC = 50mA, VCE = 10V
f = 100MHz
Output capacitance
COBO
10
pF
VCB = -10V, f = 1MHz(*)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com