Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1AWZ Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # GS1AWZ
Description  SURFACE MOUNT GENERAL PURPOSE RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

GS1AWZ Datasheet(HTML) 2 Page - Pan Jit International Inc.

  GS1AWZ Datasheet HTML 1Page - Pan Jit International Inc. GS1AWZ Datasheet HTML 2Page - Pan Jit International Inc. GS1AWZ Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.0-MAR.26.2010
GS1AWZ~GS1MWZ
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2 TYPICAL JUNCTION CAPACITANCE
RATING AND CHARACTERISTIC CURVES
1.0
0
0
50
100
150
0
.5
1.5
LEAD TEMPERATURE, C
O
10
0.1
1.0
100
1000
1
2
5
10
20
50
100
T= 25 C
f=1.0mHz
Vsig = 50mVp-p
J
O
REVERSE VOLTAGE, VOLTS
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED ON 0.3 x 0.3"
(8.0 x 8.0mm) COPPER PAD A REAS
0.01
0.1
1
0
20
40
60
80
100
120
140
160
JUNCTION TEMPERATURE TJ, °C
At rated VRRM
0.01
0.1
1
10
400
600
800
1000
1200
1400
FORWARD VOLTAGE VF, mV
25°C
150°C
Fig.4 TYPICAL FORWARD VOLTAGE
Fig.3 TYPICAL REVERSE LEAKAGE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com