Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT497 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT497
Description  SOT23 NPN silicon planar high voltage high
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT497 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT497 Datasheet HTML 1Page - Diodes Incorporated FMMT497 Datasheet HTML 2Page - Diodes Incorporated FMMT497 Datasheet HTML 3Page - Diodes Incorporated FMMT497 Datasheet HTML 4Page - Diodes Incorporated FMMT497 Datasheet HTML 5Page - Diodes Incorporated FMMT497 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FMMT497
Issue 4 - November 2006
2
www.zetex.com
© Zetex Semiconductors plc 2006
Electrical characteristics (at Tamb = 25°C unless otherwise stated)
Parameter
Symbol
Min.
Typ.
Max
.
Unit
Conditions
Collector-base
breakdown voltage
V(BR)CBO
300
V
IC = 100 A
Collector-emitter
breakdown voltage
VCEO(sus)
300
V
IC = 10mA (*)
NOTES:
(*) Measured under pulsed conditions. Pulse width = 300 s. Duty cycle
2%.
Emitter-base
breakdown voltage
V(BR)EBO
5V
IE = 100 A
Collector cut-off current
ICBO
100
nA
VCB = 250V
Collector cut-off current
ICES
100
nA
VCES = 250V
Emitter cut-off current
IEBO
100
nA
VEB = 4V
Collector-emitter
saturation voltage
VCE(sat)
0.2
0.3
V
V
IC = 100mA, IB = 10mA
IC = 250mA, IB = 25mA
Base-emitter
saturation voltage
VBE(sat)
1.0
V
IC = 250mA, IB = 25mA
Base-emitter
turn on voltage
VBE(on)
1.0
V
IC = 250mA, VCE = 10V
Static forward current
transfer ratio
hFE
100
80
20
300
IC = 1mA, VCE = 10V
IC = 100mA, VCE = 10V(*)
IC = 250mA, VCE = 10V(*)
Transition frequency
fT
75
MHz
IC = 50mA, VCE = 10V
f = 100MHz
output capacitance
Cobo
5pF
VCB = 10V, f = 1MHz
Switching performance
td
53
ns
VCC = 100V, IC = 100mA,
Ib1 = -Ib2 = 10mA
tr
126
ns
ts
2.58
s
tf
228
ns



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com