Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT549 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT549
Description  SOT23 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT549 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT549 Datasheet HTML 1Page - Diodes Incorporated FMMT549 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 PNP SILICON PLANAR
MEDIUM POWER TRANSISTORS
ISSUE 3 - OCTOBER 1995
7
FEATURES
* Low equivalent on-resistance; RCE(sat) 250mΩ at 1A
* 1 Amp continuous current
COMPLEMENTARY TYPES – FMMT549
- FMMT449
FMMT549A - N/A
PARTMARKING DETAIL –
FMMT549
- 549
FMMT549A - 59A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-35
V
Collector-Emitter Voltage
VCEO
-30
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-2
A
Continuous Collector Current
IC
-1
A
Base Current
IB
-200
mA
Power Dissipation: at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
-35
V
IC=-100µA
V(BR)CEO
-30
V
IC=-10mA*
V(BR)EBO
-5
V
IE=-100µA
Cut-Off Currents
ICBO
-0.1
-10
µ
A
µ
A
VCB=-30V
VCB=-30V, Tamb=100°C
IEBO
-0.1
µ
A
VEB=-4V
Saturation Voltages
VCE(sat)
-0.25
-0.50
-0.50
-0.75
V
V
IC=-1A, IB=-100mA*
IC=-2A, IB=-200mA*
FMMT549A
-0.30
V
IC=-100mA, IB=-1mA*
VBE(sat)
-0.9
-1.25
V
IC=-1A, IB=-100mA*
Base Emitter Turn-on Voltage VBE(on)
-0.85
-1
V
IC=-1A, VCE=-2V*
Static Forward Current
Transfer Ratio
hFE
70
80
40
200
130
80
IC=-50mA, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-2A, VCE=-2V*
FMMT549
100
160
300
IC=-500mA, VCE=-2V*
FMMT549A
150
200
500
IC=-500mA, VCE=-2V*
Transition Frequency
fT
100
MHz
IC=-100mA, VCE=-5V
f=100MHz
Output Capacitance
Cobo
25
pF
VCB=-10V, f=1MHz
Switching Times
ton
50
ns
IC=-500mA, VCC=-10V
IB1=IB2=-50mA
toff
300
ns
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT549
FMMT549A
C
B
E
3 - 127
FMMT549
FMMT549A
3 - 128
0.1
1
TYPICAL CHARACTERISTICS
VCE(sat) v IC
I+ -
Collector Current (Amps)
Switching Speeds
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
I+ -
Collector Current (Amps)
hFE v IC
VBE(sat) v IC
I+ -
Collector Current (Amps)
VBE(on) v IC
IB1=IB2=IC/10
Single Pulse Test at Tamb=25°C
0.7
0.8
0.9
1.0
0.01
0.001
0.01
10
0.1
1
40
80
120
160
200
0.01
10
0.1
1
IC/IB=100
0.001
0.01
0.1
1
IC/IB=10
0.01
0.1
10
1
IC/IB=100
0.6
VCE=2V
IC/IB=10
IC/IB=10
0.6
0.8
1.0
1.2
1.4
0.2
0.4
0.6
0.8
0
100
80
60
40
0
20
160
140
120
td,tr,tf
(ns)
180
1000
800
600
400
0
200
1600
1400
1200
ts
(ns)
1800
tr
ts
tf
td
10
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10
100
1s
DC
100ms
10ms
100µs
1ms
1
0.01
0.1
10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com