Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTS751-1DP3F Datasheet(PDF) 21 Page - STMicroelectronics

Part # STTS751-1DP3F
Description  2.25 V low-voltage local digital temperature sensor
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTS751-1DP3F Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STTS751-1DP3F Datasheet HTML 17Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 18Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 19Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 20Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 21Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 22Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 23Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 24Page - STMicroelectronics STTS751-1DP3F Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
STTS751
STTS751 register summary
Doc ID 16483 Rev 5
21/36
4.12
STTS751 product ID
The two versions of the STTS751 as shown in Table 1 can be identified via the read-only
Product ID register at address FDh. The STTS751-0 has a Product ID of 00h. The
STTS751-1 has a Product ID of 01h.
4.13
STTS751 manufacturer’s ID
The read-only manufacturer's ID is located at address FEh. For the STTS751, the value is
53h.
4.14
STTS751 revision ID
The STTS751 revision ID register pointer is read-only and can be accessed at address FFh.
The value is formatted as an unsigned, 8-bit integer.
Table 23.
Product ID register
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
hex
FD
R
Product ID
0
0
0
0
0
0
0
0
00: STTS751-0
0
0
0
0
0
0
0
1
01: STTS751-1
Table 24.
Manufacturer’s ID register
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
hex
FE
R
Mfg ID
0
1
0
1
0
0
1
1
53
Table 25.
Revision ID register
ADDR
(hex)
R/W
Register
b7
b6
b5
b4
b3
b2
b1
b0
FF
R
Revision ID
0
0
0
0
0
0
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com