Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMSD103C Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # LMSD103C
Description  SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

LMSD103C Datasheet(HTML) 1 Page - Pan Jit International Inc.

  LMSD103C Datasheet HTML 1Page - Pan Jit International Inc. LMSD103C Datasheet HTML 2Page - Pan Jit International Inc. LMSD103C Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
STAD-FEB.09.2009
LMSD103A~LMSD103C
.043(1.1)
.008(0.2)
.008(0.2)
.071(1.8)
.079(2.0)
MICRO-MELF
Unit:inch(mm)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (TJ =25°C unless otherwise noted)
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SA
3
0
1
D
S
M
LB
3
0
1
D
S
M
LC
3
0
1
D
S
M
LS
T
I
N
U
e
g
a
t
l
o
V
e
s
r
e
v
e
R
e
v
i
t
i
t
e
p
e
R
k
a
e
PV
M
R
R
0
40
30
2V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
S
M
RV
S
M
R
8
21
24
1V
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
e
g
a
r
e
v
A
.
x
a
MI
)
V
A
(
F
0
5
3A
m
t
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P<
s
m
3
.
0I
M
S
F
5
1A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O CP
D
0
0
4W
m
I
,
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
F
A
m
0
2
=
I
F
A
m
0
0
2
=
V
F
7
3
.
0
0
7
.
0
V
t
n
e
r
r
u
C
e
s
r
e
v
e
R
m
u
m
i
x
a
MI
R
V
0
3
@
5V
0
2
@
5V
0
1
@
5
µA
)
1
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
l
a
c
i
p
y
TC
J
0
5F
p
)
2
e
t
o
N
(
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
l
a
c
i
p
y
Tt
r
r
0
1s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
TRθ
A
J
0
5
2
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
ST
G
T
S
5
7
1
+
o
t
5
6
-
O C
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
VOLTAGE
20 to 40 Volts
CURRENT
0.35 Amperes
FEATURES
• Low Forward Voltage Drop
• Guard Ring Construction for Transient Protection
• Low Reverse Recovery Time
• Low Reverse Capacitance
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Molded Glass MICRO-MELF
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.011 grams
• Mounting Position: Any
NOTE:
1. CJ at VR=0, f=1MHZ
2. From IF=50mA to IR=200mA, RL=100
Ω


Similar Part No. - LMSD103C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
LMSD103C PANJIT-LMSD103C Datasheet
49Kb / 2P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
logo
SUNMATE electronic Co.,...
LMSD103C SUNMATE-LMSD103C Datasheet
359Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODES
logo
Leshan Radio Company
LMSD103CT1G LRC-LMSD103CT1G Datasheet
122Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE Low Forward Voltage Drop
LMSD103CT1G LRC-LMSD103CT1G_15 Datasheet
158Kb / 3P
SCHOTTKY BARRIER SWITCHING DIODE
More results

Similar Description - LMSD103C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
LLSD103A PANJIT-LLSD103A Datasheet
46Kb / 2P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LMSD103A PANJIT-LMSD103A Datasheet
49Kb / 2P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LQSD103A PANJIT-LQSD103A Datasheet
49Kb / 2P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
SD103A PANJIT-SD103A Datasheet
41Kb / 2P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LLSD103A PANJIT-LLSD103A_09 Datasheet
83Kb / 3P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LQSD103A PANJIT-LQSD103A_09 Datasheet
90Kb / 3P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
SD103A PANJIT-SD103A_09 Datasheet
64Kb / 2P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LLSD103A PANJIT-LLSD103A_14 Datasheet
130Kb / 5P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
LMSD103A PANJIT-LMSD103A_17 Datasheet
165Kb / 5P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
SD103A PANJIT-SD103A_16 Datasheet
341Kb / 4P
SMALL SIGNAL SCHOTTKY BARRIES SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com