Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4448 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # LS4448
Description  FAST SWITCHING SURFACE MOUNT DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

LS4448 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  LS4448 Datasheet HTML 1Page - Pan Jit International Inc. LS4448 Datasheet HTML 2Page - Pan Jit International Inc. LS4448 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-FEB.06.2009
LS4448
RECTIFICATION EFFCIENCY MEASUREMENT CIRCUIT
TYPICAL CAPATICANCE
LEAKAGE CURRENT
FORWARD VOLTAGE
100
0.2
0.4
0.6
0.8
1.0
1.2
10
1.0
0.1
10
0
1.0
0.1
0.01
0.001
10
20
30
40
50
6.0
0
4.5
3.5
1.5
0
24
6
8
FORWARD VOLTAGE, Volts
REVERSE VOLTAGE, Volts
T =150 C
A
O
T =125 C
A
O
T=85 C
A
O
T=55 C
A
O
T=25 C
A
O
REVERSE VOLTAGE, Volts
5k W
Vo
2nF
V=2V
RF
60 W



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com