Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR3045CT Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MBR3045CT
Description  SCHOTTKY BARRIER RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR3045CT Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MBR3045CT Datasheet HTML 1Page - Pan Jit International Inc. MBR3045CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
August 30,2010-REV.03
MBR3040CT SERIES
Fig.1- FORWARD CURRENT DERATING CURVE
RATING AND CHARACTERISTIC CURVES
Fig.2- MAXIMUM NON-REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60Hz
200
175
150
125
100
75
50
25
0
1
2
5
10
20
50
100
250
225
275
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
10
1.0
0.1
0.01
.001
20
0
40
60
80
100
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
TC=125 C
O
TC=75 C
O
TC=25 C
O
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0.1
40-45V
50-60V
80-100V
150-200V
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
LEAD TEMPERATURE, C
O
50
40
20
0
10
30
0.4
0.5
0.6
0.7
0.8
0.9 1.0
1.1
0
20
40
60
80
100 120 140 160 180
40V
45-200V
RESISTIVE OR
INDUCTIVE LOAD



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com