Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT560 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT560
Description  PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT560 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT560 Datasheet HTML 1Page - Diodes Incorporated FMMT560 Datasheet HTML 2Page - Diodes Incorporated FMMT560 Datasheet HTML 3Page - Diodes Incorporated FMMT560 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
FMMT560
Document Revision: 3
1 of 4
www.diodes.com
May 2009
© Diodes Incorporated
FMMT560
A Product Line of
Diodes Incorporated
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
Features
•
Excellent hFE Characteristics up to IC = 50mA
•
Low Saturation Voltages
•
Lead, Halogen and Antimony Free, RoHS Compliant (Note 1)
•
"Green" Device (Note 2)
Mechanical Data
•
Case: SOT-23
•
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
•
Moisture Sensitivity: Level 1 per J-STD-020D
•
Terminals: Matte Tin Finish annealed over Copper leadframe
(Lead Free Plating). Solderable per MIL-STD-202, Method 208
•
Terminal Connections: See Diagram
•
Marking Information: See Page 3
•
Ordering Information: See Page 3
•
Weight: 0.008 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-500
V
Collector-Emitter Voltage
VCEO
-500
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-150
mA
Peak Pulse Current
ICM
-500
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
PD
500
mW
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
-500
⎯
⎯
V
IC = -100μA
Collector-Emitter Breakdown Voltage (Note 3)
V(BR)CEO
-500
⎯
⎯
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
⎯
⎯
V
IE = 100μA
Collector Cutoff Current
ICBO; ICES
⎯
⎯
-100
nA
VCB = -500V, VCE = -500V
Emitter Cutoff Current
IEBO
⎯
⎯
-100
nA
VEB = -5V
ON CHARACTERISTICS (Note 3)
DC Current Gain
hFE
100
80
⎯
⎯
⎯
15
300
300
⎯
⎯
IC = -1mA, VCE = -10V
IC = -50mA, VCE = -10V
IC = -100mA, VCE = -10V
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
⎯
-0.2
-0.5
V
IC = -20mA, IB = -2mA
IC = -50mA, IB = -10mA
Base-Emitter Turn-On Voltage
VBE(ON)
⎯
⎯
-0.9
V
IC = -50mA, VCE = -10V
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
⎯
-0.9
V
IC = -50mA, IB = -10mA
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
⎯
⎯
8
pF
VCB = -20V, f = 1MHz
Current Gain-Bandwidth Product
fT
60
⎯
⎯
MHz
VCE = -20V, IC = -10mA,
f = 50MHz
SWITCHING CHARACTERISTICS
Turn-On Time
ton
⎯
110
⎯
ns
VCE = -100V, IC = -50mA,
IB1 = -5mA, IB2 = 10mA
Turn-Off Time
toff
⎯
1.5
⎯
μs
Notes:
1. No purposefully added lead. Halogen and Antimony Free.
2. Diodes Inc.'s "Green" Policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤2%
Top View
E
B
C
Pin Configuration
C
E
B


Similar Part No. - FMMT560

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Texas Instruments
FMMT560 TI1-FMMT560 Datasheet
436Kb / 17P
A 0.9-A Constant Current Supply with PFC for 100-W LED
logo
Diodes Incorporated
FMMT560Q DIODES-FMMT560Q Datasheet
569Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev. 2 - 2 11 February 2020
FMMT560QTA DIODES-FMMT560QTA Datasheet
569Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev. 2 - 2 11 February 2020
FMMT560QTC DIODES-FMMT560QTC Datasheet
569Kb / 7P
500V PNP HIGH VOLTAGE TRANSISTOR IN SOT23
Rev. 2 - 2 11 February 2020
More results

Similar Description - FMMT560

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT757 ZETEX-FZT757 Datasheet
90Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA92 ZETEX-FZTA92 Datasheet
23Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
SXTA92 ZETEX-SXTA92 Datasheet
20Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZTA92 KEXIN-FZTA92 Datasheet
35Kb / 1P
PNP Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSA894 TSC-TSA894 Datasheet
196Kb / 4P
PNP Silicon Planar High Voltage Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com