Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT596 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT596
Description  SOT 23 PNP silicon planar high voltage transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT596 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT596 Datasheet HTML 1Page - Diodes Incorporated FMMT596 Datasheet HTML 2Page - Diodes Incorporated FMMT596 Datasheet HTML 3Page - Diodes Incorporated FMMT596 Datasheet HTML 4Page - Diodes Incorporated FMMT596 Datasheet HTML 5Page - Diodes Incorporated FMMT596 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Issue 4 - July 2007
1
www.zetex.com
© Zetex Semiconductors plc 2007
FMMT596
SOT 23 PNP silicon planar high voltage transistor
Ordering information
Device marking
596
Absolute maximum ratings
Device
Reel size
(inches
Tape width
(mm)
Quantity
per reel
FMMT596TA
7
8
3,000
Parameter
Symbol
Value
Unit
Collector-base voltage
VCBO
-220
V
Collector-emitter voltage
VCEO
-200
V
Emitter-base voltage
VEBO
-5
V
Peak pulse current
ICM
-1
A
Continuous collector current
IC
-0.3
A
Base current
IB
-200
mA
Power dissipation at Tamb=25°C
Ptot
500
mW
Operating and storage temperature range
Tj:Tstg
-55 to +150
°C
C
E
B
Pinout - top view
C
E
B


Similar Part No. - FMMT596

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMT596 ZETEX-FMMT596 Datasheet
125Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FMMT596 KEXIN-FMMT596 Datasheet
36Kb / 2P
High Voltage Transistor
logo
Zetex Semiconductors
FMMT596 ZETEX-FMMT596 Datasheet
189Kb / 6P
SOT 23 PNP silicon planar high voltage transistor
FMMT596TA ZETEX-FMMT596TA Datasheet
125Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT596TC ZETEX-FMMT596TC Datasheet
189Kb / 6P
SOT 23 PNP silicon planar high voltage transistor
More results

Similar Description - FMMT596

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596 ZETEX-FCX596 Datasheet
21Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT757 ZETEX-FZT757 Datasheet
90Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA92 ZETEX-FZTA92 Datasheet
23Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Rectron Semiconductor
BC859 RECTRON-BC859 Datasheet
330Kb / 4P
SOT-23 Silicon Planar Epitaxial Transistors TRANSISTORS(PNP)
logo
Zetex Semiconductors
FMMT596TC ZETEX-FMMT596TC Datasheet
189Kb / 6P
SOT 23 PNP silicon planar high voltage transistor
logo
Diodes Incorporated
FMMT596 DIODES-FMMT596_15 Datasheet
189Kb / 6P
SOT 23 PNP silicon planar high voltage transistor
JULY 2007
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com