Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT597 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT597
Description  SOT23 PNP SILICON PLANAR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT597 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT597 Datasheet HTML 1Page - Diodes Incorporated FMMT597 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 - OCTOBER 1995
COMPLEMENTARY TYPE FMMT497
PARTMARKING DETAIL - 597
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-1
A
Continuous Collector Current
IC
-0.2
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
500
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX. UNITCONDITIONS.
Collector-Base Breakdown Voltage
V(BR)CBO -300
V
IC=-100µA
Collector-Emitter Breakdown Voltage
V(BR)CEO -300
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO -5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-100
nA VCB=-250V
Emitter Cut-Off Current
IEBO
-100
nA VEB=-4V
Collector-Emitter Cut-Off Current
ICES
-100
nA VCES=-250V
Emitter Saturation Voltages
VCE(sat)
-0.25
-0.25
V
V
IC=-50mA, IB=-5mA
IC=-100mA,
IB=-20mA*
VBE(sat)
-1.0
V
IC=-100mA,
IB=-20mA*
Base-Emitter Turn-on Voltage
VBE(on)
-0.85 V
IC=-100mA,VCE=-10V*
Static Forward Current Transfer Ratio hFE
100
100
100
300
IC=-1mA, VCE=-10V
IC=-50mA,VCE=-10V*
IC=-100mA,VCE=-10V*
Transition Frequency
fT
75
MHz IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
10
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for this device
FMMT597
C
B
E
3 - 145
FMMT597
3 - 146
IC-Collector Current
VBE(sat) v IC
0
0.2
100mA
10mA
0.4
0.6
0.8
0.9
1A
hFE V IC
IC-Collector Current
1mA
100mA
10mA
1A
80
0
240
160
320
10mA
1mA
IC-Collector Current
VBE(on) v IC
100mA
1A
0.6
0.8
0.9
0.4
0.2
0
IC-Collector Current
VCE(sat) v IC
1mA
0
0.1
100mA
10mA
0.2
0.3
0.4
1A
1
0.1
Safe Operating Area
VCE - Collector Emitter Voltage (V)
10
100
1
1mA
0.01
0.4
0.6
1A
10mA
100mA
1mA
VCE(sat) v IC
IC-Collector Current
0.4
0
0.1
0.5
0.3
0.2
0.6
1000
0.001
+25°C
I+/I*=10
I+/I*=50
-55° C
+100° C
+25° C
V+-=10V
+100° C
+25° C
-55° C
I+/I*=10
-55° C
+25° C
+100° C
DC
100ms
1s
10ms
1ms
100µs
V+-=10V
-55° C
+25° C
+100° C
I+/I*=10
TYPICAL CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com