Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT619 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT619
Description  SOT23 NPN SILICON POWER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT619 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT619 Datasheet HTML 1Page - Diodes Incorporated FMMT619 Datasheet HTML 2Page - Diodes Incorporated FMMT619 Datasheet HTML 3Page - Diodes Incorporated FMMT619 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX. UNIT CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
15
70
V
IC=100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
15
18
V
IC=10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
58.2
V
IE=100µA
Collector Cut-Off
Current
ICBO
100
nA
VCB=10V
Emitter Cut-Off Current IEBO
100
nA
VEB=4V
Collector Emitter
Cut-Off Current
ICES
100
nA
VCES=10V
Collector-Emitter
Saturation Voltage
VCE(sat)
8
70
150
14
100
200
mV
mV
mV
IC=0.1A, IB=10mA*
IC=1A, IB=10mA*
IC=3A, IB=50mA*
Base-Emitter
Saturation Voltage
VBE(sat)
0.9
1.0
V
IC=3A, IB=50mA*
Base-Emitter Turn-On
Voltage
VBE(on)
0.84
1.0
V
IC=3A, VCE=2V*
Static Forward Current
Transfer
Ratio
hFE
200
300
200
150
415
450
320
240
80
IC=10mA, VCE=2V*
IC=200mA, VCE=2V*
IC=3A, VCE=2V*
IC=5A, VCE=2V*
IC=12A, VCE=2V*
Transition
Frequency
fT
80
120
MHz
IC=50mA, VCE=10V
f=50MHz
Output Capacitance
Cobo
30
40
pF
VCB=10V, f=1MHz
Turn-On Time
t(on)
120
ns
VCC=10V, IC=3A
IB1=IB2=50mA
Turn-Off Time
t(off)
160
ns
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
FMMT617
100°C
-55°C
25°C
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Collector Current
I+/I*=60
Collector Current
Collector Current
Collector Current
25°C
100°C
-55°C
I+/I*=60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
450
225
25°C
100°C
-55°C
V+-=2V
0.2
0.0
1.0
0.8
0.6
0.4
SINGLE PULSE TEST Tamb = 25 deg C
VCE (VOLTS)
Safe Operating Area
TYPICAL CHARACTERISTICS
100A
1mA
10mA
100mA
1A
10A
10A
1A
100mA
10mA
1mA
100A
1.4
1mA
10mA
100mA
1A
10A
100A
1.2
1mA
10mA
100A
100mA
1A
10A
0.4
0.3
0.2
0.1
0.0
V+-=2V
100°C
25°C
-55°C
1.4
0.1
1.0
10
100
0.01
0.1
1.0
10
D.C.
1s
100ms
10ms
1ms
100µs
1m
100m
10
IC - Collector Current (A)
VCE(SAT) v IC
1m
1
I+/I*=100
I+/I*=60
I+/I*=10
+25 °C
10m
100m
10m
1
VCE(SAT) vs IC
VBE(SAT) vs IC
hFE vs IC
VBE(ON) vs IC
FMMT617
3 - 151
3 - 150



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com