Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT625 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMT625
Description  150V NPN SILICON LOW SATURATION TRANSISTOR IN SOT23
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT625 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMT625 Datasheet HTML 1Page - Diodes Incorporated FMMT625 Datasheet HTML 2Page - Diodes Incorporated FMMT625 Datasheet HTML 3Page - Diodes Incorporated FMMT625 Datasheet HTML 4Page - Diodes Incorporated FMMT625 Datasheet HTML 5Page - Diodes Incorporated FMMT625 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
FMMT625
Document number: DS33237 Rev. 4 - 2
2 of 6
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT625
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
150
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5
V
Continuous Collector Current
IC
1
A
Peak Pulse Current (Note 4)
ICM
3
A
Base Current
IB
500
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = 25°C (Note 5)
PD
625
mW
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
4. Measured under pulsed conditions. Pulse width = 300µs. Duty cycle
≤ 2%.
5. For a device surface mounted on 25mm X 25mm FR4 PCB with high coverage of single sided 1 oz copper, in still air conditions
Thermal Characteristics and Derating information
100m
1
10
100
10m
100m
1
10
Single Pulse T
amb
=25°C
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
V
CE
Collector-Emitter Voltage (V)
0
20
40
60
80
100
120
140
160
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
50
100
150
200
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com