Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMT718TC Datasheet(PDF) 4 Page - Diodes Incorporated

Part # FMMT718TC
Description  SOT23 PNP SILICON POWER (SWITCHING) TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT718TC Datasheet(HTML) 4 Page - Diodes Incorporated

  FMMT718TC Datasheet HTML 1Page - Diodes Incorporated FMMT718TC Datasheet HTML 2Page - Diodes Incorporated FMMT718TC Datasheet HTML 3Page - Diodes Incorporated FMMT718TC Datasheet HTML 4Page - Diodes Incorporated FMMT718TC Datasheet HTML 5Page - Diodes Incorporated FMMT718TC Datasheet HTML 6Page - Diodes Incorporated FMMT718TC Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FMMT718
Document Number DS31924 Rev. 2 - 2
4 of 7
www.diodes.com
August 2009
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FMMT718
SOT23 P N P SILI CON POWE R (SW I TCH I NG) TRAN SISTOR
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-20
-65
V
IC = -100 µA
Collector-Emitter Breakdown Voltage (Note 3)
V(BR)CEO
-20
-55
V
IC = -10 mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
-8.8
V
IE = -100 µA
Collector Cutoff Current
ICBO
-100
nA
VCB = -15V
Emitter Cutoff Current
IEBO
-100
nA
VEB = -4V
Collector Emitter Cutoff Current
ICES
-100
nA
VCE= -15V
Static Forward Current Transfer Ratio
(Note 3)
hFE
300
300
150
35
15
475
450
230
70
30
IC = -10mA, VCE = -2V
IC = -100mA, VCE = -2V
IC = -2A, VCE = -2V
IC = -4A, VCE = -2V
IC = -6A, VCE = -2V
Collector-Emitter Saturation Voltage
(Note 3)
VCE(sat)
-16
-130
-145
-40
-200
-220
mV
mV
mV
IC =- 0.1A, IB = -10mA
IC = -1A, IB = -20mA
IC = -1.5A, IB = -50mA
Base-Emitter Turn-On Voltage(Note 3)
VBE(on)
-0.81
-1.0
V
IC = -2A, VCE = -2V
Base-Emitter Saturation Voltage(Note 3)
VBE(sat)
-0.87
-1.0
V
IC = -1.5A, IB = -50mA
Output Capacitance
Cobo
21
30
pF
VCB = -10V. f = 1MHz
Transition Frequency
fT
150
180
MHz
VCE = -10V, IC = -50mA,
f = 100MHz
Turn-On Time
ton
40
ns
VCC=-10V, IC =-1A
IB1 = IB2 = -20mA
Turn-Off Time
toff
670
ns
Notes:
3. Measured under pulsed conditions. Pulse width
≤ 300 µs. Duty cycle ≤ 2%



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com