Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTA92 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMTA92
Description  SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTA92 Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMTA92 Datasheet HTML 1Page - Diodes Incorporated FMMTA92 Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 4 - MARCH 2001
✪
PARTMARKING DETAILS:
–
FMMTA92 - 4E
–
FMMTA92R - 8E
COMPLEMENTARY TYPES:
–
FMMTA92 - FMMTA42
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
FMMTA92
UNIT
Collector-Base Voltage
VCBO
-300
V
Collector-Emitter Voltage
VCEO
-300
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-200
mA
Power Dissipation at Tamb = 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
FMMTA92
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-300
V
IC=-100µA, IE=0
Collector-Emitter Breakdown
Voltage
V(BR)CEO
-300
V
IC=-1mA, IB=0*
Emitter-Base Breakdown
Voltage
V(BR)EBO
-5
V
IE=-100µA, IC=0
Collector Cut-Off
Current
ICBO
-0.25
µA
µA
VCB=-200V, IE=0
VCB=-160V, IE=0-
Emitter Cut-Off Current
IEBO
-0.1
µA
VEB=-3V, IE=0
Collector-Emitter Saturation
Voltage
VCE(sat)
-0.5
V
IC=-20mA, IB=-2mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.9
V
IC=-20mA, IB=-2mA*
Static Forward Current
Transfer Ratio
hFE
25
40
25
IC=-1mA, VCE=10V*
IC=-10mA, VCE=10V*
IC=-30mA,VCE=-10V*
Transition Frequency
fT
50
MHz
IC=-10mA, VCE=-20V
f=20MHz
Output Capacitance
Cobo
6pF
VCB=-20V, f=1MHz
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤2%
FMMTA92
C
B
E
SOT23
TBA


Similar Part No. - FMMTA92

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA92 ZETEX-FMMTA92 Datasheet
71Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMTA92 ZETEX-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMTA92 ZETEX-FMMTA92 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMTA92 DIODES-FMMTA92 Datasheet
423Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR
Rev 5
FMMTA92Q DIODES-FMMTA92Q Datasheet
389Kb / 7P
300V PNP HIGH VOLTAGE TRANSISTOR
Rev 1
More results

Similar Description - FMMTA92

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FMMTA93 ZETEX-FMMTA93 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BSS63 ZETEX-BSS63 Datasheet
29Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT6520 DIODES-FMMT6520 Datasheet
60Kb / 1P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
NOVEMBER 1995
FMMT6520 DIODES-FMMT6520_11 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
FMMT597TA DIODES-FMMT597TA Datasheet
114Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
OCTOBER 1995
logo
Zetex Semiconductors
FMMTA92TA ZETEX-FMMTA92TA Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FMMT549 DIODES-FMMT549_15 Datasheet
225Kb / 5P
30V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 4
FMMT6520 DIODES-FMMT6520_15 Datasheet
81Kb / 4P
350V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 3
FMMTA92 DIODES-FMMTA92_15 Datasheet
81Kb / 2P
SOT23 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 2001
ZXTP5401FL DIODES-ZXTP5401FL_15 Datasheet
193Kb / 6P
150V PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR IN SOT23
Rev 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com