Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTL618 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # FMMTL618
Description  SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTL618 Datasheet(HTML) 3 Page - Diodes Incorporated

  FMMTL618 Datasheet HTML 1Page - Diodes Incorporated FMMTL618 Datasheet HTML 2Page - Diodes Incorporated FMMTL618 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
FMMTL618
1mA
1mA
1mA
100m
1mA
1m
IC - Collector Current (A)
VCE(sat) v IC
0
IC/IB=10
IC/IB=20
IC/IB=50
+25°C
-55°C
+100°C
0
IC - Collector Current (A)
hFE v IC
+25°C
+100°C
-55°C
0
IC - Collector Current (A)
VBE(on) v IC
+100°C
+25°C
0
IC - Collector Current (A)
VCE(sat) v IC
+100°C
+25°C
0
IC - Collector Current (A)
VBE(sat) v IC
1s
100ms
DC
10m
VCE - Collector Emitter Voltage (V)
Safe Operating Area
10ms
1ms
100us
VCE=2V
+25°C
-55°C
IC/IB=10
VCE=2V
-55°C
IC/IB=10
10mA
100mA
1A
10A
300
600
100m
200m
300m
10mA
100mA
1A
10A
10m
100m
1A
10A
100m
200m
300m
10mA
100mA
1A
10A
0.2
0.4
0.6
0.8
1.0
10mA
100mA
1A
10A
0.2
0.4
0.6
0.8
1.0
110
100
100m
1A
10A
TYPICAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com