Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMMTL718 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FMMTL718
Description  SOT23 PNP SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMTL718 Datasheet(HTML) 2 Page - Diodes Incorporated

  FMMTL718 Datasheet HTML 1Page - Diodes Incorporated FMMTL718 Datasheet HTML 2Page - Diodes Incorporated FMMTL718 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-20
-65
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-20
-55
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
-8.8
V
IE=-100µA
Collector Cut-Off Current ICBO
-10
nA
VCB=-15V
Emitter Cut-Off Current
IEBO
-10
nA
VEB=-4V
Collector Cut-Off Current ICES
-10
nA
VCE=-15V
Collector-Emitter
Saturation Voltage
VCE(sat)
-33
-130
-230
-315
-50
-180
-320
-450
mV
mV
mV
mV
IC=-100mA, IB=-10mA*
IC=-500mA, IB=-20mA*
IC=-1A, IB=-50mA*
IC=-1.5A,IB=-100mA
Base-Emitter
Saturation Voltage
VBE(sat)
-950
-1100
mV
IC=-1.25A, IB=-100mA*
Base-Emitter
Turn On Voltage
VBE(on)
-850
-1000
mV
IC=-1.25A, VCE=-2V*
Static Forward
Current Transfer Ratio
hFE
300
300
200
120
50
500
450
320
200
80
IC=-10mA, VCE=-2V
IC=-100mA, VCE=-2V*
IC=-0.5A, VCE=-2V*
IC=-1A, VCE=-2V*
IC=-1.5A, VCE=-2V*
Transition Frequency
fT
265
MHz
IC=-50mA, VCE=-10V
f=100MHz
Collector-Base
Breakdown Voltage
Cobo
912
pF
VCB=-10V, f=1MHz
Switching times
ton
toff
108
121
ns
ns
IC=-1A, VCC=-10V
IB1=IB2=-10mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
FMMTL718



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com