Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMSZ5243AS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MMSZ5243AS
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MMSZ5243AS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MMSZ5243AS Datasheet HTML 1Page - Pan Jit International Inc. MMSZ5243AS Datasheet HTML 2Page - Pan Jit International Inc. MMSZ5243AS Datasheet HTML 3Page - Pan Jit International Inc. MMSZ5243AS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PAGE .1
REV.0.3-JAN.22.2010
MMSZ5229AS SERIES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
NOTES:
A. Mounted on 5.0mm2(.013mm thick) land areas.
B. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
SURFACE MOUNT SILICON ZENER DIODES
VOLTAGE
4.3 to 51 Volts
POWER
200 mWatts
FEATURES
• Planar Die construction
• 200mW Power Dissipation
• Ideally Suited for Automated Assembly Processes
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: SOD-323, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Polarity: See Diagram Below
• Approx. Weight: 0.004 grams
• Mounting Position: Any
.078(1.95)
.038(.95)
.107(2.7)
.068(1.75)
.027(.70)
.090(2.3)
.012(.30)MIN.
SOD-323
Unit: inch (mm)
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
T
@
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
A
5
2
=
o
)
A
e
t
o
N
(
CPD
0
0
2W
m
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
it
c
n
u
J
g
n
it
a
r
e
p
O
TJ
0
5
1
+
o
t
5
5
-
OC


Similar Part No. - MMSZ5243AS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMSZ5243AS PANJIT-MMSZ5243AS Datasheet
74Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5243AS

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
BZX84B2V4 PANJIT-BZX84B2V4 Datasheet
114Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W_09 Datasheet
143Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5221BW PANJIT-MMBZ5221BW_10 Datasheet
121Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMBZ5229AW PANJIT-MMBZ5229AW_09 Datasheet
127Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
MMSZ4687-V PANJIT-MMSZ4687-V_10 Datasheet
77Kb / 4P
SURFACE MOUNT SILICON ZENER DIODES
PZ6.2B PANJIT-PZ6.2B Datasheet
90Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
logo
SUNMATE electronic Co.,...
MM5Z2V4 SUNMATE-MM5Z2V4_16 Datasheet
381Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
SZ252H SUNMATE-SZ252H_15 Datasheet
561Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
ZPX3.0 SUNMATE-ZPX3.0 Datasheet
522Kb / 2P
SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com