Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJDLLLC70 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJDLLLC70
Description  Very Low Capacitance Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJDLLLC70 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJDLLLC70 Datasheet HTML 1Page - Pan Jit International Inc. PJDLLLC70 Datasheet HTML 2Page - Pan Jit International Inc. PJDLLLC70 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PJDLLLC70
PACKAGE DIMENSIONS - SOT563
APPLICATION EXAMPLE (USB2.0 port)
D+
D+
D-
D-
Vbus+ (5V or 3.3V)
6 and 1 pins
connected together
through the same
Data line
4 and 3 pins
connected together
through the same
Data line
D+
D+
D-
D-
Vbus+ (5V or 3.3V)
6 and 1 pins
connected together
through the same
Data line
4 and 3 pins
connected together
through the same
Data line
7/23/2009
Page.3
www.panjit.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com