Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FZT751 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # FZT751
Description  SOT223 PNP SILICON PLANAR HIGH PERFORMANCE TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FZT751 Datasheet(HTML) 2 Page - Diodes Incorporated

  FZT751 Datasheet HTML 1Page - Diodes Incorporated FZT751 Datasheet HTML 2Page - Diodes Incorporated FZT751 Datasheet HTML 3Page - Diodes Incorporated FZT751 Datasheet HTML 4Page - Diodes Incorporated FZT751 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FZT751
Document Number DS32208 Rev. 3 - 2
2 of 5
www.diodes.com
June 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
FZT751
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-80
V
Collector-Emitter Voltage
VCEO
-60
V
Emitter-Base Voltage
VEBO
-5
V
Continuous Collector Current
IC
-3
A
Peak Pulse Current
ICM
-6
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = 25°C
PD
2
W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
V(BR)CBO
-80
−
−
V
IC = -100µA
Collector-Emitter Breakdown Voltage (Note 2)
V(BR)CEO
-60
−
−
V
IC = -10mA
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
−
−
V
IE = 100µA
Collector Cut-off Current
ICBO
−
−
−
−
-0.1
-10
µA
µA
VCB = -60V
VCB = -60V, Tamb = 100°C
Emitter Cut-off Current
IEBO
−
−
-0.1
µA
VEB = -4V
Collector-Emitter Saturation Voltage (Note 2)
VCE(SAT)
−
−
-0.15
-0.45
0.3
0.6
V
IC = -1A, IB = -100mA
IC = -3A, IB = -300mA
Base-Emitter Saturation Voltage (Note 2)
VCE(SAT)
−
-0.9
-1.25
V
IC = -1A, IB = -100mA
Base-Emitter Turn-On Voltage (Note 2)
VBE(ON)
−
-0.8
-1.0
mV
IC = -1A, VCE = -2V
DC Current Gain (Note 2)
hFE
70
100
80
40
200
200
170
150
−
300
−
−
IC = -50mA, VCE = -2V
IC = -500mA, VCE = -2V
IC = -1A, VCE = -2V
IC = -2A, VCE = -2V
Current Gain-Bandwidth Product (Note 2)
fT
100
140
−
MHz
VCE = -5V, IC = -100mA
f = 100MHz
Turn-On Time
ton
−
40
−
nA
VCC = -10V, IC = -500mA
IB1 = IB2 = -50mA
Turn-Off Time
toff
−
450
−
nA
Output Capacitance (Note 2)
Cobo
−
−
30
pF
VCB = -10V. f = 1MHz
Notes:
2. Measured under pulsed conditions. Pulse width = 300 µs. Duty cycle
≤ 2%



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com