Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1978 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1978
Description  Three-Phase Half-Wave Sensorless Motor Driver for Headphone Stereos
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1978 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1978 Datasheet HTML 1Page - Sanyo Semicon Device LB1978 Datasheet HTML 2Page - Sanyo Semicon Device LB1978 Datasheet HTML 3Page - Sanyo Semicon Device LB1978 Datasheet HTML 4Page - Sanyo Semicon Device LB1978 Datasheet HTML 5Page - Sanyo Semicon Device LB1978 Datasheet HTML 6Page - Sanyo Semicon Device LB1978 Datasheet HTML 7Page - Sanyo Semicon Device LB1978 Datasheet HTML 8Page - Sanyo Semicon Device LB1978 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LB1978V
No. 6186-2/9
Electrical Characteristics at Ta = 25˚C, Vcc = 1.2V, in the specified test circuit
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Power supply current
Icc
START pin H, RIRF = 180 k
Ω
6.8
10
mA
START pin L, VBR = 0V
0
10
µA
Reference voltage
Vref
0.725
0.755
0.785
V
Reference voltage characteristics
∆Vref
/
∆Vcc Vcc = 1.0 to 1.7V
1.0
2.0
%/V
∆Iref
Reference voltage load characteristics
∆Vref
Iref = 0 to –50
µA
–0.2
–0.06
mV/
µA
∆Iref
Oscillator cycle
TS
CS = 1500 pF
0.52
0.6
0.68
ms
Rotation switching load characteristics
TF/S
CS = 1500 pF,
7.70
10.9
ms
RIRF = 180 kΩ *Target
Rotation detection accuracy
NF/S
TS = 0.60 ms *Target
–16
+16
%
COM voltage
VCOM–RCOM = 1 kΩ
12
25
38
mV
F side output saturation voltage
Vsat1
Vcc = 1.0V, Im = 0.3A
0.17
0.30
V
S side output saturation voltage
Vsat2
Vcc = 1.0V, Im = 0.2A
0.12
0.25
V
S/S pin input High level voltage
VSSH
0.9
V
S/S pin input Low level voltage
VSSL
0.3
V
F/S DR pin ON voltage
VLon
0.2
V
F/S DR pin OFF voltage
VLoff
Vcc–0.3
V
TC pin pull-in voltage
VTC1
F/S = H
80
110
150
mV
VTC2
F/S = L
160
220
300
mV
BR1 ON voltage
VBRon
0.9
V
BR1 OFF voltage
VBRoff
0.3
V
BRsat voltage
VBRsat
Io = 6 mA, VBR1 = 1.2V
0.15
0.3
V
CI rise voltage
VCI
0.620
0.650
0.680
V
CI hysteresis width
∆V
CI
60
80
100
mV
IRF voltage
VIRF
RIRF = 180 kΩ
0.725
0.755
0.785
V
VI output current
IVI
VVI = 0.3V, VIV = GND
26
30
34
µA
PV pin voltage
VPV
0.720
0.755
0.785
V
∆IFC/∆VVI ratio
∆I
FC/∆VVI
150
210
250
µA/V
Output transistor OFF voltage
VOUT OFF
Vcc–0.3
V
Output transistor ON voltage
VOUT ON
0.3
V
Note: Items shown to be “Target” are not measured.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com