Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD623AR Datasheet(PDF) 21 Page - Analog Devices

Part # AD623AR
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623AR Datasheet(HTML) 21 Page - Analog Devices

Back Button AD623AR Datasheet HTML 16Page - Analog Devices AD623AR Datasheet HTML 17Page - Analog Devices AD623AR Datasheet HTML 18Page - Analog Devices AD623AR Datasheet HTML 19Page - Analog Devices AD623AR Datasheet HTML 20Page - Analog Devices AD623AR Datasheet HTML 21Page - Analog Devices AD623AR Datasheet HTML 22Page - Analog Devices AD623AR Datasheet HTML 23Page - Analog Devices AD623AR Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AD623
Rev. D | Page 21 of 24
Table 8. Maximum Attainable Gain and Resulting Output Swing for Different Input Conditions
VCM (V)
VDIFF (V)
REF Pin (V)
Supply Voltages (V)
Maximum Gain
Closest 1% Gain
Resistor (Ω)
Resulting Gain
Output Swing (V)
0
±10 m
2.5
+5
118
866
116
±1.2
0
±100 m
2.5
+5
11.8
9.31 k
11.7
±1.1
0
±10 m
0
±5
490
205
488
±4.8
0
±100 m
0
±5
49
2.1 k
48.61
±4.8
0
±1
0
±5
4.9
26.1 k
4.83
±4.8
2.5
±10 m
2.5
+5
242
422
238
±2.3
2.5
±100 m
2.5
+5
24.2
4.32 k
24.1
±2.4
2.5
±1
2.5
+5
2.42
71.5 k
2.4
±2.4
1.5
±10 m
1.5
+3
142
715
141
±1.4
1.5
±100 m
1.5
+3
14.2
7.68 k
14
±1.4
0
±10 m
1.5
+3
118
866
116
±1.1
0
±100 m
1.5
+3
11.8
9.31 k
11.74
±1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com