Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8222ACPZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8222ACPZ-R7
Description  Precision, Dual-Channel Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8222ACPZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8222ACPZ-R7 Datasheet HTML 3Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8222ACPZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
AD8222
Rev. A | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
12
11
10
9
–IN1 1
RG1 2
RG1 3
+IN1 4
PIN 1
INDICATOR
TOP VIEW
AD8222
–IN2
RG2
RG2
+IN2
NOTES
1. THE AD8222 COMES IN TWO PACKAGE TYPES—EACH A 16 LEAD
4mm × 4mm LFCSP. ONE PACKAGE TYPE HAS AN EXPOSED
THERMAL PAD, WHICH IS CONNECTED TO –VS. THE OTHER
PACKAGE TYPE DOES NOT EXPOSE THE THERMAL PAD. SEE THE
PACKAGE CONSIDERATIONS SECTION FOR MORE INFORMATION.
Figure 2. Pin Configuration
Table 7. Pin Function Descriptions
Pin No
Mnemonic
Description
1
−IN1
Negative Input In-Amp 1
2
RG1
Gain Resistor In-Amp 1
3
RG1
Gain Resistor In-Amp 1
4
+IN1
Positive Input In-Amp 1
5
+VS
Positive Supply
6
REF1
Reference Adjust In-Amp 1
7
REF2
Reference Adjust In-Amp 2
8
−VS
Negative Supply
9
+IN2
Positive Input In-Amp 2
10
RG2
Gain Resistor In-Amp 2
11
RG2
Gain Resistor In-Amp 2
12
−IN2
Negative Input In-Amp 2
13
−VS
Negative Supply
14
OUT2
Output In-Amp 2
15
OUT1
Output In-Amp 1
16
+VS
Positive Supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com