Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8221ARMZ Datasheet(PDF) 13 Page - Analog Devices

Part # AD8221ARMZ
Description  Precision Instrumentation Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARMZ Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8221ARMZ Datasheet HTML 9Page - Analog Devices AD8221ARMZ Datasheet HTML 10Page - Analog Devices AD8221ARMZ Datasheet HTML 11Page - Analog Devices AD8221ARMZ Datasheet HTML 12Page - Analog Devices AD8221ARMZ Datasheet HTML 13Page - Analog Devices AD8221ARMZ Datasheet HTML 14Page - Analog Devices AD8221ARMZ Datasheet HTML 15Page - Analog Devices AD8221ARMZ Datasheet HTML 16Page - Analog Devices AD8221ARMZ Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
AD8221
Rev. B | Page 13 of 24
1s/DIV
2µV/DIV
Figure 27. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1)
1s/DIV
0.1µV/DIV
Figure 28. 0.1 Hz to 10 Hz RTI Voltage Noise (G = 1000)
10
100
1k
FREQUENCY (Hz)
10
1
100
1k
10k
Figure 29. Current Noise Spectral Density vs. Frequency
1s/DIV
5pA/DIV
Figure 30. 0.1 Hz to 10 Hz Current Noise
0
5
10
15
20
25
30
FREQUENCY (Hz)
1k
100k
10k
1M
GAIN = 1
GAIN = 10, 100, 1000
VS = ±15V
Figure 31. Large Signal Frequency Response
20µs/DIV
0.002%/DIV
7.9µs TO 0.01%
8.5µs TO 0.001%
5V/DIV
Figure 32. Large Signal Pulse Response and Settling Time (G = 1), 0.002%/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com