Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8226BRZ-R7 Datasheet(PDF) 21 Page - Analog Devices

Part # AD8226BRZ-R7
Description  Wide Supply Range, Rail-to-Rail Output Instrumentation Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8226BRZ-R7 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD8226BRZ-R7 Datasheet HTML 17Page - Analog Devices AD8226BRZ-R7 Datasheet HTML 18Page - Analog Devices AD8226BRZ-R7 Datasheet HTML 19Page - Analog Devices AD8226BRZ-R7 Datasheet HTML 20Page - Analog Devices AD8226BRZ-R7 Datasheet HTML 21Page - Analog Devices AD8226BRZ-R7 Datasheet HTML 22Page - Analog Devices AD8226BRZ-R7 Datasheet HTML 23Page - Analog Devices AD8226BRZ-R7 Datasheet HTML 24Page - Analog Devices AD8226BRZ-R7 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
AD8226
Rev. A | Page 21 of 28
Common-Mode Rejection Ratio Over Frequency
Poor layout can cause some of the common-mode signals to be
converted to differential signals before reaching the in-amp.
Such conversions occur when one input path has a frequency
response that is different from the other. To keep CMRR across
frequency high, the input source impedance and capacitance of
each path should be closely matched. Additional source resistance
in the input path (for example, for input protection) should be
placed close to the in-amp inputs, which minimizes their
interaction with parasitic capacitance from the PCB traces.
Parasitic capacitance at the gain-setting pins can also affect
CMRR over frequency. If the board design has a component
at the gain-setting pins (for example, a switch or jumper), the
part should be chosen so that the parasitic capacitance is as
small as possible.
Power Supplies
A stable dc voltage should be used to power the instrumentation
amplifier. Note that noise on the supply pins can adversely affect
performance. For more information, see the PSRR performance
curves in Figure 23 and Figure 24.
A 0.1 μF capacitor should be placed as close as possible to each
supply pin. As shown in Figure 61, a 10 μF tantalum capacitor
can be used farther away from the part. In most cases, it can be
shared by other precision integrated circuits.
AD8226
+VS
+IN
–IN
LOAD
REF
0.1µF
10µF
0.1µF
10µF
–VS
VOUT
Figure 61. Supply Decoupling, REF, and Output Referred to Local Ground
References
The output voltage of the AD8226 is developed with respect to
the potential on the reference terminal. Care should be taken to
tie REF to the appropriate local ground.
INPUT BIAS CURRENT RETURN PATH
The input bias current of the AD8226 must have a return path
to ground. When the source, such as a thermocouple, cannot
provide a return current path, one should be created, as shown
in Figure 62.
THERMOCOUPLE
+VS
REF
–VS
AD8226
CAPACITIVELY COUPLED
+VS
REF
C
C
–VS
AD8226
TRANSFORMER
+VS
REF
–VS
AD8226
INCORRECT
CAPACITIVELY COUPLED
+VS
REF
C
R
R
C
–VS
AD8226
1
fHIGH-PASS =
2
πRC
THERMOCOUPLE
+VS
REF
–VS
10M
Ω
AD8226
TRANSFORMER
+VS
REF
–VS
AD8226
CORRECT
Figure 62. Creating an IBIAS Path



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com