Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1981 Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LB1981
Description  Three-Phase Brushless Motor Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1981 Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LB1981 Datasheet HTML 1Page - Sanyo Semicon Device LB1981 Datasheet HTML 2Page - Sanyo Semicon Device LB1981 Datasheet HTML 3Page - Sanyo Semicon Device LB1981 Datasheet HTML 4Page - Sanyo Semicon Device LB1981 Datasheet HTML 5Page - Sanyo Semicon Device LB1981 Datasheet HTML 6Page - Sanyo Semicon Device LB1981 Datasheet HTML 7Page - Sanyo Semicon Device LB1981 Datasheet HTML 8Page - Sanyo Semicon Device LB1981 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
LB1981V
No. 5917-7/9
Pin function
Motor counterelectromotive
voltage FG pulse pin.
Outputs a pulse using W
phase counterelectromotive
voltage as FG.
Connect to ground if not used.
Ground for all circuits except
output.
Coil waveform detect
comparator input pins.
Motor coil midpoint input pin.
Using this voltage as a
reference, the coil voltage
waveform is detected.
W phase coil output pin.
U phase coil output pin.
V phase coil output pin.
Output transistor ground.
Constant current drive is
performed by detecting the
voltage at this pin.
Pin number
23
24
25
26
27
28
29
1
2
30
Pin name
BFG0
Pin voltage
Equivalent circuit
Continued from preceding page
GND
WIN
UIN
VIN
COM
WOUT
UOUT
VOUT
RF
23
VCC1
50
µA
50
µA
30k
Ω
A10872
28
26
27
25
10
µA
2k
Ω
200
Ω
200
Ω
200
Ω
VCC2
A10873
30
29
1
2
3.9
Ω
3.9
Ω
VCC1
VS
A10874



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com