Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4040 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040 Datasheet(HTML) 2 Page - Diodes Incorporated

  LM4040 Datasheet HTML 1Page - Diodes Incorporated LM4040 Datasheet HTML 2Page - Diodes Incorporated LM4040 Datasheet HTML 3Page - Diodes Incorporated LM4040 Datasheet HTML 4Page - Diodes Incorporated LM4040 Datasheet HTML 5Page - Diodes Incorporated LM4040 Datasheet HTML 6Page - Diodes Incorporated LM4040 Datasheet HTML 7Page - Diodes Incorporated LM4040 Datasheet HTML 8Page - Diodes Incorporated LM4040 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LM4040
LM4040
Document number: DS33195 Rev. 5 - 2
2 of 10
www.diodes.com
November 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Absolute Maximum Ratings (Voltages to GND Unless Otherwise Stated)
Parameter
Rating
Unit
Continuous Reverse Current
20
mA
Continuous Forward Current
10
mA
Operating Junction Temperature
-40 to 150
°C
Storage Temperature
-55 to 150
°C
Operation above the absolute maximum rating may cause device failure. Operation at the absolute maximum rating,
for extended periods, may reduce device reliability.
Unless otherwise stated voltages specified are relative to the ANODE pin.
Package Thermal Data
Package
θJA
PDIS
TAMB = 25°C, TJ = 150°C
SOT23
380°C/W
330mW
SC70-5
380°C/W
330mW
Recommended Operating Conditions
Min.
Max.
Units
Reverse Current
0.06
15
mA
Operating Ambient Temperature Range
-40
125
°C
Electrical Characteristics (Test conditions: Tamb = 25°C, unless otherwise specified.)
LM4040-2.5
Symbol
Parameter
Conditions
Typ.
LM4040
B Limits
LM4040
C Limits
LM4040
D Limits
Units
TAMB
VREF
Reverse breakdown
voltage
IR = 100µA
25°C
2.5
V
Reverse breakdown
voltage tolerance
IR = 100µA
25°C
±5
±12
±25
mV
-40 to 85°C
±21
±29
±49
-40 to 125°C
±30
±38
±63
IRMIN
Minimum operating
current
25°C
45
60
60
65
µA
-40 to 85°C
65
65
70
-40 to 125°C
68
68
73
ΔVR/ΔT
Average reverse
breakdown voltage
temperature coefficient
IR = 10mA
-40 to 125°C
±20
ppm/°C
IR = 1mA
±15
±100
±100
±150
IR = 100µA
±15
ΔVR/ΔIR
Reverse breakdown
change with current
IRMIN IR
< 1mA
25°C
0.3
0.8
0.8
1.0
mV
-40 to 85°C
1.0
1.0
1.2
-40 to 125°C
1.0
1.0
1.2
1mA < IR
< 15mA
25°C
2.5
6.0
6.0
8.0
-40 to 85°C
8.0
8.0
10.0
-40 to 125°C
8.0
8.0
10.0
ZR
Dynamic output
impedance
IR = 1mA, f = 120Hz
IAC = 0.1IR
0.3
0.8
0.9
1.1
Ω
en
Noise voltage
IR = 100µA
10Hz < f < 10kHz
35
µVRMS
VR
Long term stability (non
cumulative)
t = 1000Hrs IR = 100µA
120
ppm
VHYST
Themal hysteresis
ΔT = -40°C to =125°C
0.08
%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com