Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB1998 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB1998
Description  Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1998 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB1998 Datasheet HTML 1Page - Sanyo Semicon Device LB1998 Datasheet HTML 2Page - Sanyo Semicon Device LB1998 Datasheet HTML 3Page - Sanyo Semicon Device LB1998 Datasheet HTML 4Page - Sanyo Semicon Device LB1998 Datasheet HTML 5Page - Sanyo Semicon Device LB1998 Datasheet HTML 6Page - Sanyo Semicon Device LB1998 Datasheet HTML 7Page - Sanyo Semicon Device LB1998 Datasheet HTML 8Page - Sanyo Semicon Device LB1998 Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LB1998
No. 5979-2/9
Maximum Ratings at Ta = 25
°C
Specifications
Operating Conditions at Ta = 25
°C
Sample Application at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
4 to 6
V
4 to 13.6
V
Parameter
Symbol
Conditions
Ratings
Unit
12V type
Regulated voltage
4 to 6
V
Unregulated voltage
4 to 13.6
V
VCC1 max
VCC2 max
VCC3 max
VO max
VIN max
IO max
VCC1
VCC1
VCC2
≥V
CC1
VCC1
VCC2
Parameter
Symbol
Conditions
Ratings
Unit
Power supply voltage
7.0
V
14.4
V
14.4
V
Applied output voltage
14.4
V
Applied intput voltage
V
Output current
1.3
A
Allowable power dissipation
Pd max
IC only
0.79
W
1.80
W
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +150
°C
with substrate (114.3
× 76.1 × 1.6 mm3,
glass exposy)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com