Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSLC05 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # PJSLC05
Description  ULTRA LOW CAPACITANCE SINGLE TVS FOR HIGH SPEED DATA LINES
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSLC05 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  PJSLC05_09 Datasheet HTML 1Page - Pan Jit International Inc. PJSLC05_09 Datasheet HTML 2Page - Pan Jit International Inc. PJSLC05_09 Datasheet HTML 3Page - Pan Jit International Inc. PJSLC05_09 Datasheet HTML 4Page - Pan Jit International Inc. PJSLC05_09 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PAGE . 2
REV.0.1-FEB.18.2009
PJSLC05 SERIES
ELECTRICAL CHARACTERISTICS TJ=25oC
5
0
C
L
S
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV WRM
--
5
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV BR
IBR 1
=A
m6
-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI R
V R
V
5
=-
-
5
µA
0
2
x
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ
)
c
e
sc
VIPP
A
1
=p
m S
--
8
.
9V
0
2
x
8
(
e
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ
)
c
e
sc
VIPP
A
5
=p
m S
--
1
1V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC J
z
H
M
1
=
f
s
a
i
B
c
d
V
0
2
d
n
a
1
s
n
i
p
n
e
e
w
t
e
B
--
2
.
1F
p
2
1
C
L
S
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV WRM
--
2
1V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV BR
IBR 1
=A
m3
.
3
1-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI R
V R
V
2
1
=-
-
1
µA
0
2
x
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ
)
c
e
sc
VIPP
A
1
=p
m S
--
9
1V
0
2
x
8
(
e
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ
)
c
e
sc
VIPP
A
5
=p
m S
--
4
2V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC J
z
H
M
1
=
f
s
a
i
B
c
d
V
0
2
d
n
a
1
s
n
i
p
n
e
e
w
t
e
B
--
2
.
1F
p
5
1
C
L
S
J
P
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
f
f
O
-
d
n
a
t
S
e
s
r
e
v
e
RV WRM
--
5
1V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV BR
IBR 1
=A
m7
.
6
1-
-
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI R
V R
V
5
1
=-
-
1
µA
0
2
x
8
(
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ
)
c
e
sc
VIPP
A
1
=p
m S
--
4
2V
0
2
x
8
(
e
e
g
a
t
l
o
V
g
n
i
p
m
a
l
C
µ
)
c
e
sc
VIPP
A
5
=p
m S
--
0
3V
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
e
t
a
t
S
f
f
OC J
z
H
M
1
=
f
s
a
i
B
c
d
V
0
2
d
n
a
1
s
n
i
p
n
e
e
w
t
e
B
--
2
.
1F
p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com