Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSMS05 Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # PJSMS05
Description  QUAD TVS/ZENER ARRAY FOR ESD AND LATCH-UP PROTECTION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSMS05 Datasheet(HTML) 3 Page - Pan Jit International Inc.

  PJSMS05_09 Datasheet HTML 1Page - Pan Jit International Inc. PJSMS05_09 Datasheet HTML 2Page - Pan Jit International Inc. PJSMS05_09 Datasheet HTML 3Page - Pan Jit International Inc. PJSMS05_09 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Off-State Capacitance per Device - 1MHz
20
40
60
80
100
120
140
160
180
200
012
345
Bias, Vdc
PJSMS05
1/13/2009
Page 3
www.panjit.com
TYPICAL CHARACTERISTICS TJ = 25°C unless otherwise noted
PJSMS05 SERIES
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
tim e, µsec
50% of Ipp @ 20µs
Rise time 10-90% - 8µs
Non-Repetitive Peak Pulse Power vs Pulse Time
0.01
0.1
1
10
100
1000
1
10
100
1000
Pulse Duration, µsec
Clamping Voltage vs. Peak current
0
5
10
15
20
25
30
35
40
45
0
5
10
15
20
25
30
Ipp, A (8/20µsec)
PJSMS05
PJSMS12
PJSMS15
PJSMS24
Surge Pulse Waveform Definition



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com