Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJSOT05CFN3 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # PJSOT05CFN3
Description  E.S.D. Dual Protection Diode Array
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJSOT05CFN3 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  PJSOT05CFN3 Datasheet HTML 1Page - Pan Jit International Inc. PJSOT05CFN3 Datasheet HTML 2Page - Pan Jit International Inc. PJSOT05CFN3 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.1-JUL.14.2009
PJSOT05CFN3
E.S.D. Dual Protection Diode Array
This Dual Unidirectional ESD Protector Array family have been designed to protect sensitive equipment against
ESD in high speed transmission buses, operating at 5V. This dual array offers an integrated solution to protect up
to 2 data lines in a unidirectional mode or, 1 data line in a bi-directional mode, in application where the board
space is a premium, in our DFN 3L package version.
FEATURES
• IEC61000-4-2 ESD 15kV air, 8kV Contact Compliance
• Low Leakage Current,Maximum of 0.5
A at rated voltage
• Maximum Capacitance of 10pF per device at 0Vdc 1MHz
• Peak Power Dissipation of 20W 8/20
s Waveform
• Pin to pin compatible with standard DFN 3L
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
• Case: DFN 3L, Molded Plastic
• Terminals: Solderable per MIL-STD-750, Method 2026
• Marking: AF
MAXIMUM RATINGS (Per Device)
Note : 1.Capacitance between pins 1 and 2 is half of the value, in a bi-directional configuration.
ELECTRAICAL CHARACTERISTICS (Per Device)TJ=25oC
0.042(1.05)
0.037(0.95)
0.013(0.32)
0.008(0.22)
0.014(0.36)
0.013(0.32)
0.008(0.22)
0.002(0.05) MAX.
DFN 3L
DFN 3L
Unit : inch(mm)
Unit : inch(mm)
Pa r a m e te r
Symbol
Value
Units
Peak Pulse Power (8/20
s Waveform)
PPP
20
W
Peak Pulse Current (8/20
s Waveform)
I PPM
2A
ESD Voltage (HBM Per MIL STD883C-Method 3015-6)
VESD
20
kV
Operating Temperature Range
TJ
-55 to +125
oC
Storage Temperature Range
TSTG
-55 to +150
oC
P a r a m e t e r
S ym b o l
Te s t Co nd itio n
M IN.
TYP.
M A X .
Unit s
Reve rs e S ta nd- O f f Volt ag e
V WRM
--
-
5 . 0
V
Re ve rs e B re a kd own Vo l ta g e
V BR
I BR=1 m A
6 .2
-
7 . 2
V
Re ve rs e Le aka g e C urr e nt
I R
V R=5 V
-
-
0 . 5
A
C lam p i ng Vo l tag e ( 8/20
s)
V C
I PP =2 A
-
-
1 0
V
O f f S ta te Junc ti on C a pac i t anc e
( Note 1)
C J
0V dc B i as f =1 M Hz
b et ween p i n 1, 2 to 3
(Gnd )
-9
1 0
p F
PAN JIT RESERVES THE RIGHT TO IMPROVE PRODUCT DESIGN,FUNCTIONS AND RELIABILITY WITHOUT NOTICE
1
2
3
1
2
3


Similar Part No. - PJSOT05CFN3

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSOT05C PANJIT-PJSOT05C Datasheet
57Kb / 4P
SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05C PANJIT-PJSOT05C Datasheet
109Kb / 3P
SINGLE AND DUAL TVS FOR ESD / TRANSIENT PROTECTION
PJSOT05C-02 PANJIT-PJSOT05C-02 Datasheet
99Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-02 PANJIT-PJSOT05C-02_15 Datasheet
76Kb / 5P
STANDARD CAPACITANCE TVS ARRAY
PJSOT05C-03 PANJIT-PJSOT05C-03 Datasheet
102Kb / 3P
STANDARD CAPACITANCE TVS ARRAY
More results

Similar Description - PJSOT05CFN3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GMDA05 VISHAY-GMDA05 Datasheet
80Kb / 3P
ESD Protection Diode Array
02-Jun-03
logo
Pan Jit International I...
PJESDZ6V8-2G PANJIT-PJESDZ6V8-2G Datasheet
91Kb / 3P
E.S.D. Dual Protection Diode Array
logo
Union Semiconductor, In...
UESD6V8S2B UNIONSEMI-UESD6V8S2B Datasheet
159Kb / 6P
Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062 Datasheet
194Kb / 6P
Dual Line ESD Protection Diode Array
UESD6V8S2B UNIONSEMI-UESD6V8S2B_15 Datasheet
175Kb / 6P
Dual Line ESD Protection Diode Array
UM5062 UNIONSEMI-UM5062_16 Datasheet
202Kb / 6P
Dual Line ESD Protection Diode Array
UM5082 UNIONSEMI-UM5082 Datasheet
165Kb / 5P
Dual Line ESD Protection Diode Array
logo
Jinan Jing Heng Electro...
ESDN2L1006C5V01L JINGHENG-ESDN2L1006C5V01L Datasheet
552Kb / 4P
ESD Protection Diode Array
ESDN10L2510C5V04R JINGHENG-ESDN10L2510C5V04R Datasheet
471Kb / 4P
ESD Protection Diode Array
ESDT23A3V02V JINGHENG-ESDT23A3V02V Datasheet
494Kb / 4P
ESD Protection Diode Array
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com