Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS506 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZHCS506
Description  SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS506 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZHCS506 Datasheet HTML 1Page - Diodes Incorporated ZHCS506 Datasheet HTML 2Page - Diodes Incorporated ZHCS506 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
TYPICAL CHARACTERISTICS
ZHCS506
Pulse Width (s)
0
100u
t
p
p
1
1
/t
D=t
t
1m
10m
100m
1
10
100
100
200
300
Single Pulse
D=0.2
D=0.1
D=0.05
D=0.5
D=1



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com