Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZHCS756 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZHCS756
Description  SOT23 SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZHCS756 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZHCS756 Datasheet HTML 1Page - Diodes Incorporated ZHCS756 Datasheet HTML 2Page - Diodes Incorporated ZHCS756 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ZHCS756
0
60
1
10
100
0
60
0
060
VF - Forward Voltage (V)
IF v VF
1m
0
TC - Case Temperature ( C)
IF(av) v TC
125
75
VR - Reverse Voltage (V)
Ta v VR
100n
VR - Reverse Voltage (V)
IR v VR
0
IF(av) - Avg Fwd Curr (A)
PF(av) v IF(av)
160
80
0
VR - Reverse Voltage (V)
CD v VR
-55°C
20
40
+25°C
+125°C
20
40
DC
D=0.5
D=0.2
D=0.1
D=0.05
DC
D=0.5
D=0.2
D=0.1
D=0.05
100
p
t
1
t
1
D=t
/t p
I
F(pk)
I
F(av)
=DxI
F(pk)
Typical
Typical
Tj=125 C
F(av)
P
F(av)
=I
xV
F
0.1
0.2
0.3
0.4
0.5
0.6
1
P
I
t
1
F(pk)
=DxI
F(av)
=I
F(av)
F(av)
F
xV
F(pk)
p
t
/t
D=t
1
I
p
Rth=100°C/W
Rth=200°C/W
Rth=300°C/W
1m
100m
10m
1u
10u
100u
1m
10m
100m
0.2
0.4
0.6
0.8
1
70
80
90
100
110
120
0.1
0.2
0.3
0.4
0.5
0.2
0.4
0.6
0.8
1
+50°C
+25°C
+100°C
+125°C
-55°C
TYPICAL CHARACTERISTICS



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com