Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP1617DAX Datasheet(PDF) 2 Page - FIDELIX

Part # FMP1617DAX
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617DAX Datasheet(HTML) 2 Page - FIDELIX

  FMP1617DAX Datasheet HTML 1Page - FIDELIX FMP1617DAX Datasheet HTML 2Page - FIDELIX FMP1617DAX Datasheet HTML 3Page - FIDELIX FMP1617DAX Datasheet HTML 4Page - FIDELIX FMP1617DAX Datasheet HTML 5Page - FIDELIX FMP1617DAX Datasheet HTML 6Page - FIDELIX FMP1617DAX Datasheet HTML 7Page - FIDELIX FMP1617DAX Datasheet HTML 8Page - FIDELIX FMP1617DAX Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
FMP1617DAx
CMOS LPRAM
Revision 0.4
Jul. 2010
2
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PIN DESCRIPTION
1
2
3
4
5
6
A
B
C
D
E
F
G
H
/LB
/OE
A0
A1
A2
I/O9
/UB
A3
A4
/CS
I/O10
I/O11
A5
A6
I/O2
VSS
I/O12
A17
A7
I/O4
VCCQ
I/O13
DNU
A16
I/O5
I/O15
I/O14
A14
A15
I/O6
I/O16
A19
A12
A13
WE
A18
A8
A9
A10
A11
/ZZ
I/O1
I/O3
VCC
VSS
I/O7
I/O8
NC
48-FBGA : Top View(Ball Down)
Name
Function
Name
Function
/ZZ
Low Power Modes
VCC
Core Power
/CS
Chip Select Input
VCCQ
I/O Power
/OE
Output Enable Input
VSS
Ground
/WE
Write Enable Input
/UB
Upper Byte(I/O9~16)
A0~A19
Address Inputs
/LB
Lower Byte(I/O 1~8)
I/O1~I/O16
Data Inputs/Outputs
DNU
Do Not Use
FUNCTIONAL BLOCK DIAGRAM
Precharge circuit.
Clk gen.
VCC
VSS
Memory array
Row
Addresses
I/O Circuit
Column select
Data
cont
Data
cont
Column Addresses
Data
cont
Control Logic
/CS
/OE
/WE
/UB
/LB
/ZZ
I/O9~I/O16
I/O1~I/O8
Row
select
PRODUCT FAMILY
Product Family
Operating
Voltage (V)
Speed
Power Dissipation
ICC1
ICC2
ISB1
(CMOS Standby
Current)
Min. Typ. Max.
f = 1MHz
f = fmax
Typ.
Max.
Typ.
Max.
Typ.
Max.
FMP1617DAx-H60E
FMP1617DAx-H70E
2.7
3.0
3.3
60ns
70ns
1.5mA
3mA
15mA
12mA
20mA
70uA
100uA
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at Vcc = Vcc (typ) and T
A = 25C.
2. H=FBGA(Pb-Free & Halogen Free), W=WAFER
3. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C)
FEATURES
• Process Technology : Full CMOS
• Organization : 1M x 16
• Power Supply Voltage : 2.7~3.3V
• Three state output and TTL Compatible
• Separated I/O power(VCCQ) & Core power(VCC)
• Operating Temperature Ranges:
Special (-10’C to +60’C)
Commercial (0’C to +70’C)
Extended (-25’C to +85’C)
Industrial (-40’C to +85’C)
•Package Type : 48-FBGA-6.00x8.00 mm2
FMP1617DAx-HxxX : Pb-Free & Halogen Free
• Low Power & Page Modes
FMP1617DA1 : support the PASR/DPD function
FMP1617DA2 : support the Direct DPD function
FMP1617DA4 : support the PASR/DPD/PAGE function
FMP1617DA5 : support the Direct DPD/PAGE function
• Page read/write operation by 16 words
(FMP1617DA4, FMP1617DA5)
• DPD mode by using MRS only
(FMP1617DA1, FMP1617DA4)
• Direct DPD mode when /ZZ goes low
(FMP1617DA2, FMP1617DA5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com