Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLLS2000TC Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLLS2000TC
Description  40V HIGH CURRENT LOW LEAKAGE SCHOTTKY DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLLS2000TC Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLLS2000TC Datasheet HTML 1Page - Diodes Incorporated ZLLS2000TC Datasheet HTML 2Page - Diodes Incorporated ZLLS2000TC Datasheet HTML 3Page - Diodes Incorporated ZLLS2000TC Datasheet HTML 4Page - Diodes Incorporated ZLLS2000TC Datasheet HTML 5Page - Diodes Incorporated ZLLS2000TC Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZLLS2000
Document number DS32060 Rev. 6 – 2
3 of 6
www.diodes.com
October 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
ZLLS2000
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage
V(BR)R
40
-
-
V
IR = 1mA
Forward Voltage (Note 5)
VF
-
285
-
mV
IF = 50mA
-
305
-
IF = 100mA
-
335
-
IF = 250mA
-
365
390
IF = 500mA
-
403
430
IF = 1A
-
433
490
IF = 1.5A
-
461
540
IF = 2A
-
509
600
IF = 3A
-
450
-
IF = 2A,TA = 100°C
Reverse Current
IR
-
-
10
0.6
40
-
μA
mA
VR = 30V
VR = 30V, TA = 85°C
Diode Capacitance
CD
-
65
-
pF
f = 1MHz, VR = 30V
Reverse Recovery Time
Reverse Recovery Charge
trr
Qrr
-
-
6
685
-
-
ns
nC
Switched from IF = 500mA to VR = 5.5V
Measured @ IR 50mA. di /dt = 500mA/ ns.
Rsource = 6Ω; Rload = 10Ω
Notes:
5. Measured under pulsed conditions. Pulse width = 300
μs. Duty cycle < 2%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com