Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3D Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # S3D
Description  SURFACE MOUNT RECTIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

S3D Datasheet(HTML) 2 Page - Pan Jit International Inc.

  S3D Datasheet HTML 1Page - Pan Jit International Inc. S3D Datasheet HTML 2Page - Pan Jit International Inc. S3D Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-FEB.27.2009
1
S3A~S3M
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.4 MAXIMUM NON REPETITIVE PEAK SURGE CURRENT
Fig.5 TYPICAL JUNCTION CAPACITANCE
Fig.2 TYPICAL INSTANTANEOUS FORWARD CHARACTERISTICS
RATING AND CHARACTERISTIC CURVES
3.0
2.0
1.0
0
0
50
100
150
0.5
1.5
2.5
LEAD TEMPERATURE, C
O
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
REVERSE VOLTAGE, VOLTS
NO. OF CYCLES AT 60Hz
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
P.C.B MOUNTED ON 0.3 x 0.3"
(8.0 x 8.0mm) COPPER PAD AREAS
100
40
20
10
4.0
2.0
1.0
0.4
0.2
0.1
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.6
T=25 C
Pulse Width=300us
2% Duty Cycle
J
O
100
120
80
60
40
20
0
1
2
610
20
40
60
100
1 0
0.1
1.0
100
1
2
5
10
20
50
100
T=25 C
f=1.0MHz
Vsig=50m VP.P
J
O
Fig.3-TYPICAL REVERSE CHARACTERISTIC
PERCENTAGE OF PEAK REVERSE VOLTAGE, %
0.01
20
40
60
80
100
120
140
0.1
1.0
10
100
T= 125 C
o
J
T= 100 C
J
o
T= 25 C
J
o



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com