Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZLNB2012 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZLNB2012
Description  DUAL TONE AND POLARITY SWITCH LNB MULTIPLEX CONTROLLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZLNB2012 Datasheet(HTML) 3 Page - Diodes Incorporated

  ZLNB2012 Datasheet HTML 1Page - Diodes Incorporated ZLNB2012 Datasheet HTML 2Page - Diodes Incorporated ZLNB2012 Datasheet HTML 3Page - Diodes Incorporated ZLNB2012 Datasheet HTML 4Page - Diodes Incorporated ZLNB2012 Datasheet HTML 5Page - Diodes Incorporated ZLNB2012 Datasheet HTML 6Page - Diodes Incorporated ZLNB2012 Datasheet HTML 7Page - Diodes Incorporated ZLNB2012 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PROVISIONAL ISSUE A - OCTOBER 2001
3
ZLNB2012
SYMBOL
PARAMETER
CONDITIONS
LIMITS
UNITS
Min
Typ
Max
TD 1,2 Outputs
V
VHIGH
V
VLOW
Voltage high
Voltage Low
ITD 1,2=-100 A, Test Circuit 1,
Tone enabled
ITD 1,2=15mA, Test Circuit 1,
Tone disabled
V
CC-1.0
0
V
CC-0.7
0.3
V
CC
0.5
V
V
BTD 1,2 Outputs
V
VHIGH
V
VLOW
Voltage high
Voltage Low
IBTD 1,2=-100 A, Test Circuit 1,
Tone disabled
IBTD 1,2=15mA, Test Circuit 1,
Tone enabled
V
CC-1.0
0
V
CC-0.7
0.3
V
CC
0.5
V
V
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise stated):
Tamb= 25 C,VCC=5V
Note:-
1) The parameters Filter Amplifier VOUT,IOUT, Rectifier VOUT and Comparator Threshold Voltage are all directly (linearly)
related to Vcc.
2) Applied via 1k resistors
3) These parameters are linear related to VCC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com