Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZMY20 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZMY20
Description  MAGNETIC FIELD SENSOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZMY20 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZMY20 Datasheet HTML 1Page - Diodes Incorporated ZMY20 Datasheet HTML 2Page - Diodes Incorporated ZMY20 Datasheet HTML 3Page - Diodes Incorporated ZMY20 Datasheet HTML 4Page - Diodes Incorporated ZMY20 Datasheet HTML 5Page - Diodes Incorporated ZMY20 Datasheet HTML 6Page - Diodes Incorporated ZMY20 Datasheet HTML 7Page - Diodes Incorporated ZMY20 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
ZMY20
SEMICO NDUC TORS
ISSUE 3 - JUNE 2007
2
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
TEST CONDITIONS
Bridge resistance
Rbr
1.2
1.7
2.2
k
Output voltage range
VO/VB
16
20
24
mV/V
Open circuit sensitivity
S
3.7
4.7
5.7
(mV/V)/
(kA/m)
No disturbing field H
d
allowed
Hysteresis of output
voltage
VOH/VB
-
-
50
µV/V
Hy
2kA/m
Offset Voltage
Voff/VB
-1.0
-
+1.0
mV/V
Operating Frequency
fmax
0
-
1
MHz
Temp. Coeff. of offset
voltage
TCVoff
-3
-
+3
(µV/V)/K
T
amb= -25 to +125°C
Temp. Coeff. Of bridge
resistance
TCRbr
0.25
0.3
0.35
%/K
T
amb= -25 to +125°C
Temp. Coeff. of open
circuit sensitivity
VB=5V
TCSV
-0.25
-0.3
-0.35
%/K
T
amb= -25 to +125°C
Temp. Coeff. of open
circuit sensitivity
IB=3mA
TCSI
-
-0.1
-
%/K
T
amb= -25 to +125°C
PARAMETER
SYMBOL
LIMIT
UNIT
Supply Voltage
VB
12
V
Total power dissipation
PTOT
120
mW
Operating Temperature Range
Tamb
-40 to +150
°C
Storage Temperature Range
Tstg
-65 to +150
°C
ABSOLUTE MAXIMUM RATINGS.
ELECTRICAL CHARACTERISTICS.(at Tamb=25°C and HX=3 kA/m unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com