Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZNBG2001 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZNBG2001
Description  FET BIAS CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG2001 Datasheet(HTML) 2 Page - Diodes Incorporated

  ZNBG2001 Datasheet HTML 1Page - Diodes Incorporated ZNBG2001 Datasheet HTML 2Page - Diodes Incorporated ZNBG2001 Datasheet HTML 3Page - Diodes Incorporated ZNBG2001 Datasheet HTML 4Page - Diodes Incorporated ZNBG2001 Datasheet HTML 5Page - Diodes Incorporated ZNBG2001 Datasheet HTML 6Page - Diodes Incorporated ZNBG2001 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ISSUE 1 - AUGUST 2001
ZNBG2000
ZNBG2001
2
ABSOLUTE MAXIMUM RATINGS
Supply Voltage
-0.6V to 15V
Supply Current
100mA
Drain Current (per FET)
0 to 15mA
(set by RCAL1 and RCAL2)
Output Current
100mA
Operating Temperature
-40 to 80°C
Storage Temperature
-40 to 85°C
Power Dissipation (Tamb 25 C)
MSOP10
500mW
SYMBOL PARAMETER
CONDITIONS
LIMITS
UNITS
Min
Typ
Max
V
CC
Supply Voltage
5
12
V
I
CC
Supply Current
I
D1 and ID2=0
I
D1 and ID2=10mA
5
24
10
30
mA
mA
V
SUB
Substrate Voltage
(Internally generated)
I
SUB=0
I
SUB= -200µA
-3.5
-2.8
-2
-2
V
V
E
ND
E
NG
Output Noise
Drain Voltage
Gate Voltage
C
G=4.7nF, CD=10nF
C
G=4.7nF, CD=10nF
0.02
0.005
Vpkpk
Vpkpk
fO
Oscillator Freq.
150
330
800
kHz
DRAIN CHARACTERISTICS
I
DO
Output Current Range
Set by R
CAL1
015
mA
I
D
Current
8
10
12
mA
Current Change
I
DV
with V
CC
V
CC=5 to 12V
0.5
%/V
I
DT
with T
j
T
j=-40 to +80°C
0.05
%/°C
V
D
Voltage
ZNBG2000
ZNBG2001
I
D1 and ID2=10mA
2
1.8
2.2
2
2.4
2.2
V
V
Voltage Change
V
DV
with V
CC
V
CC= 5 to 12V
0.5
%/V
V
DT
with T
j
T
j = -40 to +80°C
50
ppm
GATE CHARACTERISTICS
I
GO
Output Current Range
-40
2000
µA
Output Voltage
V
OL
Output Low
I
D1 and ID2=12mA
IG1 and IG2=0
-3.5
-2
V
I
D1 and ID2=12mA
I
G1 and IG2= -10µA
-3.5
-2
V
V
OH
Output High
I
D1 and ID2= 8mA
I
G1 and IG2= 0
0.4
1
V
Notes:
1. The negative bias voltages specified are generated on-chip using an internal oscillator. Two external capacitors, CNB and CSUB, of 47nF are required for this
purpose.
2. The characteristics are measured using an external reference resistors RCAL1 of value 16k
Ω wired from pin RCAL1 to ground.
3. Noise voltage is not measured in production.
4. Noise voltage measurement is made with FETs and gate and drain capacitors in place on all outputs. CG, 4.7nF, are connected between gate outputs and
ELECTRICAL CHARACTERISTICS TEST CONDITIONS (Unless otherwise



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com