Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

17-200321 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 17-200321
Description  USB 2.0 Installation housing set
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

17-200321 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  17-200321 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
13|5
RoHS compliant
Recommended Panel Cutout
USB 2.0-IP67 Water Resistant Connector System
Description
Order data
Product drawing
USB 2.0 Installation housing set
Socket connector version – Metal design – M28 thread
For front- and rear panel mounting
Design: Metal shell brass nickel plated
Termination with USB 2.0 type A coupler, IP20 rated
IP67 protection over M28 thread termination
Available as housing with or without protection cap
Type
Material
Termination
Protection cap
Part Number
Installation housing
Brass nickel plated
M28 Thread
Without protection cap
17-200321
Installation housing
Brass nickel plated
M28 Thread
With protection cap
17-200431


Similar Part No. - 17-200321

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-200301 CONEC-17-200301 Datasheet
189Kb / 1P
USB Patch Cord USB 2.0 Type A Plug (Industrial) to USB 2.0 Type A Plug (Industrial)
Sept. 23. 2008
17-200311 CONEC-17-200311 Datasheet
189Kb / 1P
USB Patch Cord USB 2.0 Type A Plug (Industrial) to USB 2.0 Type A Plug (Industrial)
Sept. 23. 2008
17-200331 CONEC-17-200331 Datasheet
867Kb / 1P
IP67 USB 2.0 Type A Plug (Solder Cup) Assembly Kit
17-200341 CONEC-17-200341 Datasheet
131Kb / 1P
USB 2.0 Patch cord
17-200351 CONEC-17-200351 Datasheet
131Kb / 1P
USB 2.0 Patch cord
More results

Similar Description - 17-200321

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-100934 CONEC-17-100934 Datasheet
197Kb / 1P
RJ45 Installation housing set
17-200001 CONEC-17-200001 Datasheet
133Kb / 1P
USB 2.0 Installation housing-Set
logo
Wurth Elektronik GmbH &...
614108247221 WURTH-614108247221 Datasheet
609Kb / 2P
WR-USB 2.0 HORIZONTAL DUAL-WAY USB 2.0
logo
Glenair, Inc.
963-005 GLENAIR-963-005 Datasheet
204Kb / 1P
USB 2.0 Cable
logo
List of Unclassifed Man...
MC001008 ETC2-MC001008 Datasheet
190Kb / 1P
USB 2.0 Cable
logo
Silicon Laboratories
AN335 SILABS-AN335 Datasheet
104Kb / 12P
USB DRIVER INSTALLATION METHODS
logo
Texas Instruments
TS3USB3200 TI1-TS3USB3200_16 Datasheet
1Mb / 23P
USB 2.0 Applications
logo
Rosenberger Hochfrequen...
L99-987-800 ROSENBERGER-L99-987-800 Datasheet
880Kb / 2P
USB 2.0 A MALE TO USB 2.0 MINI USB
logo
PHOENIX CONTACT
1409053 PHOENIX-1409053 Datasheet
85Kb / 5P
Housing set - HC-MOT-AFL-SET
1409066 PHOENIX-1409066 Datasheet
88Kb / 6P
Housing set - HC-MOT-TML-SET
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com